Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMEPR60C-12500AZ Fiches technique(PDF) 5 Page - AIMTEC

No de pièce AMEPR60C-12500AZ
Description  Over Temperature Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR60C-12500AZ Fiches technique(HTML) 5 Page - AIMTEC

  AMEPR60C-12500AZ Datasheet HTML 1Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 2Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 3Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 4Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 5Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 6Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 7Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 8Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Series AMEPR60C-AZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.H
5 of 14
North America only
AMEPR60C-36170AZ
0.00  1.00 
2.00 
3.00 
4.00 
5.00 
6.00 
7.00 
8.00 
9.00  10.00 
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0.00
2.00
4.00
6.00
8.00
10.00
12.00 (V)
(A)
Dimming‐ 0‐10Vdc VS Output Current
0
10 
20 
30 
40 
50 
60 
70 
80 
90 
100 
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0
2040
6080
100
120
K(Ω)
(A)
Dimming‐Resistance VS Output Current
6 10 
20 
30 
40 
50 
60 
70 
80 
90 
95 
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
0
2040
6080
100
120
(Duty%)
(A)
Dimming‐PWM VS Output Current


Numéro de pièce similaire - AMEPR60C-12500AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR60C-12500AZ AIMTEC-AMEPR60C-12500AZ Datasheet
592Kb / 7P
   LED Driver / Converter
AMEPR60C-12500AZ AIMTEC-AMEPR60C-12500AZ Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
AMEPR60C-12500AZ AIMTEC-AMEPR60C-12500AZ Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results

Description similaire - AMEPR60C-12500AZ

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
AAT1189 SKYWORKS-AAT1189 Datasheet
3Mb / 19P
   Over-Temperature Protection
AAT1401 SKYWORKS-AAT1401 Datasheet
2Mb / 19P
   Over Temperature Protection
logo
AIMTEC
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ Datasheet
853Kb / 17P
   Over Temperature Protection
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ Datasheet
670Kb / 14P
   Over Temperature Protection
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ Datasheet
760Kb / 17P
   Over temperature protection
logo
PEAK electronics GmbH
PPM1.65-SIP-3R3ELF PEAK-PPM1.65-SIP-3R3ELF Datasheet
457Kb / 3P
   Over Temperature Protection
logo
AIMTEC
AMEOR30-AZ AIMTEC-AMEOR30-AZ Datasheet
762Kb / 15P
   Over Temperature Protection
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
   Output Over-Voltage Protection Over Temperature Protection
logo
Vishay Siliconix
PTCSC17 VISHAY-PTCSC17 Datasheet
90Kb / 4P
   Mini Chips for Over-Temperature Protection
Revision: 08-Dec-15
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
   ptc chip thermistor (for over-temperature protection)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com