Moteur de recherche de fiches techniques de composants électroniques |
|
LB11852RV Fiches technique(PDF) 1 Page - ON Semiconductor |
|
LB11852RV Fiches technique(HTML) 1 Page - ON Semiconductor |
1 / 12 page O1012NK 20120913-S00011 No.A2133-1/12 http://onsemi.com Semiconductor Components Industries, LLC, 2013 May, 2013 LB11852RV Overview The LB11852RV is a single-phase bipolar driving motor pre-driver with a speed control function based on speed feedback. With a small number of external parts, a highly efficient and very quiet variable-speed drive fan motor with low power consumption and high rotational accuracy can be implemented. The LB11852RV, integrated in a miniature package, is best suited for driving small fan motors requiring speed control. Features • Single-phase full-wave driving pre-driver ⇒ With a PMOS-NMOS device used as the external power transistor, low saturation output and a single-phase full-wave drive enable a high-efficiency drive with low power consumption. • Speed control circuit incorporated ⇒ Compared with open-loop control, a closed-loop control function that uses speed feedback to control the speed makes it possible to improve the rotational speed accuracy and reduce the variations in the rotational speed caused by fluctuations in the supply voltage or load. The separately excited upper direct PWM method is featured as the variable speed system. • Variable speed control is possible with external PWM input or analog voltage input ⇒ The speed control input signal is compatible with PWM duty ratio and analog voltages. • Soft start circuit incorporated • Minimum speed setting pin ⇒ The minimum speed can be set using an external resistor. • Current limiting circuit incorporated ⇒ Chopper type current limit at startup or lock. • Reactive current cut circuit incorporated ⇒ Reactive current before phase changeover is cut, ensuring highly silent and low power-consumption drive. • Automatic resetting type constraint circuit incorporated • RD (lock detection) output Monolithic Digital IC For Fan Motor Single-phase Full-wave Pre-driver with Speed Control Function Ordering number : ENA2133 |
Numéro de pièce similaire - LB11852RV |
|
Description similaire - LB11852RV |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |