Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA6585FA Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce LA6585FA
Description  BTL Drive Single-Phase Full-Wave
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA6585FA Fiches technique(HTML) 1 Page - ON Semiconductor

  LA6585FA Datasheet HTML 1Page - ON Semiconductor LA6585FA Datasheet HTML 2Page - ON Semiconductor LA6585FA Datasheet HTML 3Page - ON Semiconductor LA6585FA Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
70412 SY 20120619-S00001 No.A2088-1/4
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
LA6585FA
Overview
The LA6585FA is a single-phase bipolar fan motor driver that achieves quite operation, power savings, silent operation
and high efficiency that suppresses reactive current through BTL output linear drive. It provides lock protection and
rotation signal circuits on chip, and is optimal for applications that require high reliability and low noise, such as
notebook personal computers, power supplies in consumer electronic equipment, car audio, and CPU cooling systems.
Features
• BTL output single-phase full-wave linear drive (gain resistor : 1 to 360kΩ, 51dB)
• Supports low-voltage drive and features a wide usable voltage range (2.2 to 14.0V)
• Low saturation output (high side + low side saturation voltage : Vosat (total) = 1.2V (typical), IO = 250mA)
• Built-in lock protection and automatic return circuits
• Built-in FG output
• Built-in Hall sensor bias (VHB = 1.5V)
• Thermal protection circuit
• Small-sized, high thermal capacity package
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC max
15
V
Output current
IOUT max
0.5
A
Output voltage
VOUT max
15
V
FG output pin oiutput withstand
voltage
VFG max
15
V
FG output current
IFG max
10
mA
Allowable power dissipation
Pd max
When mounted on a circuit board *
1
400
mW
Operating temperature
Topr
-30 to +90
°C
Storage temperature
Tstg
-55 to +150
°C
*1 Specified circuit board : 114.3
× 76.1 × 1.6mm3, paper phenol.
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current,
high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Monolithic Linear IC
BTL Drive Single-Phase Full-Wave
Fan Motor Driver
Ordering number : ENA2088
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Numéro de pièce similaire - LA6585FA

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6585M SANYO-LA6585M Datasheet
59Kb / 5P
   For Motor Driver BTL Driver Single-Phase Full-Wave
logo
ON Semiconductor
LA6585MC ONSEMI-LA6585MC Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
LA6585MC ONSEMI-LA6585MC Datasheet
186Kb / 8P
   BTL Driver Single?릔hase Full?릛ave for Motor Driver
March, 2018 ??Rev. 1
LA6585MC-AH ONSEMI-LA6585MC-AH Datasheet
186Kb / 8P
   BTL Driver Single?릔hase Full?릛ave for Motor Driver
March, 2018 ??Rev. 1
LA6585MC-AH-M ONSEMI-LA6585MC-AH-M Datasheet
186Kb / 8P
   BTL Driver Single?릔hase Full?릛ave for Motor Driver
March, 2018 ??Rev. 1
More results

Description similaire - LA6585FA

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
404Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Sanyo Semicon Device
LA6595T SANYO-LA6595T Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6595DM ONSEMI-LA6595DM Datasheet
170Kb / 5P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
January, 2014
logo
Diodes Incorporated
AM4951 DIODES-AM4951 Datasheet
365Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
BCD Semiconductor Manuf...
AM4951 BCDSEMI-AM4951 Datasheet
180Kb / 3P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
ON Semiconductor
ENA1443 ONSEMI-ENA1443 Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Diodes Incorporated
AM4953 DIODES-AM4953 Datasheet
497Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
BCD Semiconductor Manuf...
AM4953 BCDSEMI-AM4953 Datasheet
459Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
ON Semiconductor
LA6581T-TE-L-H ONSEMI-LA6581T-TE-L-H Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
LA6581MC ONSEMI-LA6581MC Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com