Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMEPR8D-1840AZ Fiches technique(PDF) 1 Page - AIMTEC

No de pièce AMEPR8D-1840AZ
Description  Leading or Trailing Edge Triac
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR8D-1840AZ Fiches technique(HTML) 1 Page - AIMTEC

  AMEPR8D-1840AZ Datasheet HTML 1Page - AIMTEC AMEPR8D-1840AZ Datasheet HTML 2Page - AIMTEC AMEPR8D-1840AZ Datasheet HTML 3Page - AIMTEC AMEPR8D-1840AZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AMEPR8D-AZ
up to 0.7A | AC-DC LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.H
1 of 4
North America only
FEATURES:
Models
Single output
Model
Max Output
Power
(W)
Output
Voltage
Range
(V)
No Load
Output
Voltage
(V max.)
Output
Current
(A)
Input Voltage
(VAC/Hz)
Efficiency
(%)
115
VAC
230
VAC
AMEPR8D-2435AZ
8.4
12-24
34
0.35
90-264/47-440
79
80
AMEPR8D-1840AZ
7.2
9-18
20
0.4
90-264/47-440
77
79
AMEPR8D-1270AZ
8.4
6-12
15
0.7
90-264/47-440
75
78
*Exceeding the maximum output power will permanently damage the converter.
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
AMEPR8D-AZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from conventional electrical abnormalities with
the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial, and other areas or regions which are
prone to ‘dirty’ electrical conditions which would subject any of the above models to excessive voltages surges or spikes, may damage or
cause early life failure of product. In this case consideration should be made by the end user to ensure that adequate line or mains surge
suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure to identify excessive line surges violations
prior to installation may damage sensitive equipment permanently.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
85
mA
230 VAC
50
mA
Inrush current <2ms (cold start)
115 VAC
10
A
230 VAC
5
A
Leakage current
230 VAC
0.02
mA
Power factor
115 VAC (full load)
0.98
230 VAC (full load)
0.95
External fuse
Recommended slow blow type
1
A
Start-up time
100
ms
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±15
%
Line regulation
(LL-HL)
±0.5
%
Load regulation
min.-max. load
±5
%
Ripple & Noise*
1.6
V p-p
Hold-up time
28
ms
Minimum load voltage
See the models table
Maximum Capacitive Load
200
µF
*Ripple and Noise are measured at 20MHz bandwidth by using a 0.1μF (M/C) or (C/C) and 220µF (E/C) parallel capacitor.
• AC-DC Constant Current LED Driver
• Class 2 Power Supply
• Input Range 90-264VAC/47-440Hz
• Active PFC
• High Efficiency up to 80%
• Operating Temperature -20 to 85°C
• Total Harmonic Distortion < 20%
• SCP, Over Load Protection
• Leading or Trailing Edge Triac
• IP67 Case
Click on Series name for product info on aimtec.com


Numéro de pièce similaire - AMEPR8D-1840AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR8D-1840AZ AIMTEC-AMEPR8D-1840AZ Datasheet
254Kb / 4P
   up to 0.7A | AC-DC LED Driver
AMEPR8D-1840AZ AIMTEC-AMEPR8D-1840AZ Datasheet
507Kb / 4P
   up to 0.7A | AC-DC LED Driver
More results

Description similaire - AMEPR8D-1840AZ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
ML4800CP FAIRCHILD-ML4800CP Datasheet
119Kb / 14P
   Internally synchronized leading-edge PFC and trailing-edge PWM in one IC
logo
Texas Instruments
UCC28528 TI-UCC28528 Datasheet
556Kb / 32P
[Old version datasheet]   ADVANCED PFC/PWW COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
UCC28521 TI-UCC28521_15 Datasheet
528Kb / 33P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
logo
PCA ELECTRONICS INC.
EPA460 PCA-EPA460 Datasheet
45Kb / 1P
   14 Pin DIP 10 Tap TTL Compatible Active Delay Lines with Leading And Trailing Edge Precision
logo
Actel Corporation
A54SX32-1CQ208B ACTEL-A54SX32-1CQ208B Datasheet
504Kb / 64P
   Leading Edge Performance
logo
STMicroelectronics
L99DZ8X STMICROELECTRONICS-L99DZ8X Datasheet
1Mb / 2P
   Leading-edge devices
logo
LSI Computer Systems
LS7636 LSI-LS7636 Datasheet
220Kb / 7P
   REVERSE PHASE (TRAILING-EDGE) HALOGEN LAMP DIMMER
logo
List of Unclassifed Man...
GSM0306 ETC1-GSM0306 Datasheet
332Kb / 4P
   Utilizes leading-edge GSM/GPRS/EDGE silicon
logo
STMicroelectronics
STM32 STMICROELECTRONICS-STM32_V01 Datasheet
140Kb / 6P
   Leading-edge architecture with Cortex-M3 core
2007
logo
Renesas Technology Corp
R20UT2919EJ0100 RENESAS-R20UT2919EJ0100 Datasheet
386Kb / 11P
   Application Leading Tool for
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com