Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM50E-NZ Fiches technique(PDF) 1 Page - AIMTEC

No de pièce AM50E-NZ
Description  Input to Output Isolation of 1500VDC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM50E-NZ Fiches technique(HTML) 1 Page - AIMTEC

  AM50E-NZ Datasheet HTML 1Page - AIMTEC AM50E-NZ Datasheet HTML 2Page - AIMTEC AM50E-NZ Datasheet HTML 3Page - AIMTEC AM50E-NZ Datasheet HTML 4Page - AIMTEC AM50E-NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM50E-NZ
50 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
1 of 5
North America only
Picture coming soon
FEATURES:
• Wide Input range 2:1
• Input to Output Isolation of 1500VDC
• High Efficiency up to 93%
Input Over Voltage and Under Voltage Lockout
• Remote On/Off Control
Output OVP, OCP & SCP
• Trim Adjustment
Operating Temperature -40 to +85°C
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (A)
No load Input
Current
(mA)
Max
Capacitive
Load(uF)
Efficiency
(%)
AM50E-2403S-NZ
18-36
3.3
10
70
27000
91
AM50E-2405S-NZ
18-36
5
10
70
18900
93
AM50E-2412S-NZ
18-36
12
4.167
70
3700
93
AM50E-2415S-NZ
18-36
15
3.333
70
2000
93
AM50E-2424S-NZ
18-36
24
2.083
70
1000
93
AM50E-4803S-NZ
36-75
3.3
10
50
27000
91
AM50E-4805S-NZ
36-75
5
10
50
18900
93
AM50E-4812S-NZ
36-75
12
4.167
50
3700
93
AM50E-4815S-NZ
36-75
15
3.333
50
2000
93
AM50E-4824S-NZ
36-75
24
2.083
50
1000
93
Add suffix “-K” for optional heatsink
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
18-36
VDC
48
36-75
Filter
π(Pi) Network
Start up time
10
ms
Absolute Maximum Rating
24
-0.7 ~ 50
VDC
48
-0.7 ~ 100
Peak Input Voltage time
1
s
On/Off control*
ON – open or TTL high (3 - 12VDC) ;
OFF – connected to GND or TTL low (0 - 1.2VDC)
Input Current
24
2.24
A
48
1.12
Over Voltage Lockout
24
40
VDC
48
81
Under Voltage Lockout
24
16
VDC
48
32
Input reflected current
24
40
mA
48
30
*The voltage on the On/Off Control pin is relative to input Ground.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
1 min, ≤1mA
1500
1500
VDC
Resistance
Isolation 500VDC
>1000
MOhm
Capacitance
100kHz, 0.1V
2000
pF


Numéro de pièce similaire - AM50E-NZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM50E-1203SZ AIMTEC-AM50E-1203SZ Datasheet
438Kb / 4P
   DC-DC Converter
AM50E-1205SZ AIMTEC-AM50E-1205SZ Datasheet
438Kb / 4P
   DC-DC Converter
AM50E-1212SZ AIMTEC-AM50E-1212SZ Datasheet
438Kb / 4P
   DC-DC Converter
AM50E-1215SZ AIMTEC-AM50E-1215SZ Datasheet
438Kb / 4P
   DC-DC Converter
AM50E-2403SZ AIMTEC-AM50E-2403SZ Datasheet
438Kb / 4P
   DC-DC Converter
More results

Description similaire - AM50E-NZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM3HW-NZ AIMTEC-AM3HW-NZ Datasheet
154Kb / 3P
   Input to Output Isolation of 1500VDC
AM3TW-NZ AIMTEC-AM3TW-NZ Datasheet
174Kb / 3P
   Input / Output Isolation 1500VDC
AM8T-I-Z AIMTEC-AM8T-I-Z Datasheet
384Kb / 4P
   Input/output Isolation voltage 1500VDC
AM8TW-I-Z AIMTEC-AM8TW-I-Z Datasheet
151Kb / 4P
   Input/Output Isolation voltage 1500VDC
logo
Texas Instruments
PT4840-48V TI1-PT4840-48V Datasheet
247Kb / 14P
[Old version datasheet]   1500VDC Isolation
logo
Solid State Optronic
SM6004 SSOUSA-SM6004 Datasheet
223Kb / 7P
   High Input-to-Output Isolation
SM6006 SSOUSA-SM6006 Datasheet
223Kb / 7P
   High Input-to-Output Isolation
SMA4131 SSOUSA-SMA4131 Datasheet
192Kb / 6P
   High Input-to-Output Isolation
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
   High Input-to-Output Isolation
logo
Pulse A Technitrol Comp...
PE-68386NLT PULSE-PE-68386NLT Datasheet
1Mb / 5P
   1500VDC isolation between Gate and Drive
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com