Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK760-216-E Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce STK760-216-E
Description  Single-phase rectification Active Converter Hybrid IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK760-216-E Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button STK760-216-E Datasheet HTML 3Page - ON Semiconductor STK760-216-E Datasheet HTML 4Page - ON Semiconductor STK760-216-E Datasheet HTML 5Page - ON Semiconductor STK760-216-E Datasheet HTML 6Page - ON Semiconductor STK760-216-E Datasheet HTML 7Page - ON Semiconductor STK760-216-E Datasheet HTML 8Page - ON Semiconductor STK760-216-E Datasheet HTML 9Page - ON Semiconductor STK760-216-E Datasheet HTML 10Page - ON Semiconductor STK760-216-E Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STK760-216-E
No.A1793-9/11
Application Circuit
C4
C1
C2
2.2
μF/
630V
×2
0.45mH/40A
L1
DB1
VO
Co
Cs
GND
C
(D2)
(D3)
FRD1
IGBT
VCC
(TR1) (TR2)
IGBT
driver
S
VM
0
R
Q
Drive circuit
Enable mode
RC averaging
Biss & internal reference
Vm
Vref
Enable
Discharge
VthBOP Brown out Comparator
OVP(VFB)
Vcomp start
Voltage
Error Amp
Comparator
Discharge Vcomp
Input peak current
protection
OVP/Enable
detector
VO control
buffer
Output voltage
detector
Integrated
Ramp Oscillator
UVLO Block
FRD2
(D4)
D1
Rs
NR
VIS
VCC
VCC=15V
VCOMP
VTH1
VTH2
SGND
VH1
P
N
VOVP
VFB
VCAO
Vctl
VONF
5V
SGND
PFC-ON : VONF=5V to VCC
PFC-OFF : VONF=0V
Σ
VBOP
Max Duty
Cycle
SW
Ri
Ci
VAC
Recommended Condition
Parameter
Symbol
Conditions
Ratings
unit
AC Voltage
VAC
50/60Hz
170 to 264
Vrms
Output voltage
VO
VAC
×√2+(10 to 15)≤450
V
Over-voltage detection voltage
VOV
VOUT+(10 to 20)
V
Control IC supply voltage
VCC
VCC-GND
14.5 to 17.0
V
Inductor
L1
0.45
mH
Input film capacitor
Ci
4.4
≤Ci
μF
Output film capacitor
Cs
4.4
≤Cs
μF
Output electrolytic capacitor
Co
3600
≤Co
μF
Output Voltage Control
Output voltage control signal Vctl sets referring to the Vctl-VO characteristic of the figure below.
240
300
280
260
340
320
360
380
400
420
1
1.6
1.8
2.0
2.2
2.4
2.6
1.4
1.2
2.8
Vctl -- VO
Output voltage control signal input, Vctl -- V


Numéro de pièce similaire - STK760-216-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK760-216-E SANYO-STK760-216-E Datasheet
119Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
More results

Description similaire - STK760-216-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK760-213A-E SANYO-STK760-213A-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-213AC-E SANYO-STK760-213AC-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-211C-E SANYO-STK760-211C-E Datasheet
103Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
STK760-211-E SANYO-STK760-211-E Datasheet
104Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
STK760-213-E SANYO-STK760-213-E Datasheet
113Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-216-E SANYO-STK760-216-E Datasheet
119Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
logo
ON Semiconductor
STK760-213A-E ONSEMI-STK760-213A-E Datasheet
105Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
July, 2013
logo
Sanyo Semicon Device
STK760-221A-E SANYO-STK760-221A-E Datasheet
163Kb / 9P
   Thick-Film Hybrid IC Single-phase Rectification PFC Hybrid IC
logo
Linear Technology
LT3752 LINER-LT3752 Datasheet
538Kb / 10P
   Active Clamp Forward Converter with Synchronous Rectification
LT3753 LINER-LT3753 Datasheet
618Kb / 10P
   Active Clamp Forward Converter with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com