Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK433-840N-E Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce STK433-840N-E
Description  4ch class-AB Audio Power IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK433-840N-E Fiches technique(HTML) 1 Page - ON Semiconductor

  STK433-840N-E Datasheet HTML 1Page - ON Semiconductor STK433-840N-E Datasheet HTML 2Page - ON Semiconductor STK433-840N-E Datasheet HTML 3Page - ON Semiconductor STK433-840N-E Datasheet HTML 4Page - ON Semiconductor STK433-840N-E Datasheet HTML 5Page - ON Semiconductor STK433-840N-E Datasheet HTML 6Page - ON Semiconductor STK433-840N-E Datasheet HTML 7Page - ON Semiconductor STK433-840N-E Datasheet HTML 8Page - ON Semiconductor STK433-840N-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
41713HK/82912HKPC 018-11-0094 No.A2108-1/12
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
April, 2013
STK433-840N-E
Overview
The STK433-840N-E is 4 channels class-AB audio frequency power amplifier hybrid IC.
Application
 Audio Power amplifiers
Features
 Pin-to-pin compatible outputs ranging from 40W to 80W.
 Miniature package.
 Output load impedance: RL = 6 recommended.
 Allowable load shorted time: 0.3 second
 Allows the use of predesigned applications for standby and mute circuit.
Series model
STK433-040N-E
STK433-060N-E
STK433-130N-E
Output1 (10%/1kHz)
40W
 2ch
50W
 2ch
150W
 2ch
Output2 (0.4%/20Hz to 20kHz)
25W
 2ch
35W
 2ch
100W
 2ch
Max. rating VCC (quiescent)
38V
46V
71.5V
Max. rating VCC (6)
36V
40V
63V
Recommended operating VCC (6)
24V
27V
44V
Dimensions (excluding pin height)
47.0mm
25.6mm9.0mm
67.0mm
25.6mm9.0mm
STK433-330N-E
STK433-840N-E
STK433-890N-E
Output1 (10%/1kHz)
150W
 3ch
40W
 4ch
80W
 4ch
Output2 (0.4%/20Hz to 20kHz)
100W
 3ch
25W
 4ch
50W
 4ch
Max. rating VCC (quiescent)
71.5V
38V
54V
Max. rating VCC (6)
63V
36V
47V
Recommended operating VCC (6)
44V
25V
34V
Dimensions (excluding pin height)
64.0mm
36.6mm9.0mm
64.0mm
31.1mm9.0mm
78.0mm
44.1mm9.0mm
Specifications
Absolute Maximum Ratings at Ta = 25
C, Tc = 25C unless otherwise specified
Parameter
Symbol
Conditions
Ratings
Unit
Maximum power supply voltage
VCC max (0)
Non signal
38
V
VCC max (1)
Signal, RL  6
36
V
VCC max (2)
Signal, RL = 4
30
V
Minimum operation supply voltage
VCC min
10
V
#13 Operating voltage
*5
VST OFF max
#13pin voltage
-0.3 to +5.5
V
Thermal resistance
j-c
Per power transistor
4.2
C/W
Junction temperature
Tj max
Both the Tj max and Tc max
conditions must be met.
150
C
Operating substrate temperature
Tc max
125
C
Storage temperature
Tstg
-30 to +125
C
Allowable time for load short-circuit
*4
ts
VCC = 25V, RL = 6, f = 50Hz
PO = 25W, 1ch drive
0.3
s
Ordering number : ENA2108
Ordering number : ENA2101A
Ordering number : ENA2108A
Thick-Film Hybrid IC
4ch class-AB Audio Power IC
40W4ch
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
ORDERING INFORMATION
See detailed ordering and shipping information on page 12 of this data sheet.


Numéro de pièce similaire - STK433-840N-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK433-840N-E SANYO-STK433-840N-E Datasheet
270Kb / 12P
   4channel class-AB Audio Power IC 40W 횞 4ch
More results

Description similaire - STK433-840N-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STK433-890N-E ONSEMI-STK433-890N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK433-840N-E SANYO-STK433-840N-E Datasheet
270Kb / 12P
   4channel class-AB Audio Power IC 40W 횞 4ch
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
STK404-120N-E ONSEMI-STK404-120N-E Datasheet
331Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com