Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK433-840N-E Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce STK433-840N-E
Description  4ch class-AB Audio Power IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK433-840N-E Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button STK433-840N-E Datasheet HTML 3Page - ON Semiconductor STK433-840N-E Datasheet HTML 4Page - ON Semiconductor STK433-840N-E Datasheet HTML 5Page - ON Semiconductor STK433-840N-E Datasheet HTML 6Page - ON Semiconductor STK433-840N-E Datasheet HTML 7Page - ON Semiconductor STK433-840N-E Datasheet HTML 8Page - ON Semiconductor STK433-840N-E Datasheet HTML 9Page - ON Semiconductor STK433-840N-E Datasheet HTML 10Page - ON Semiconductor STK433-840N-E Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STK433-840N-E
No.A2108-7/12
Recommended external components
STK433-840N-E/890N-E
Parts
Location
Recommended
value
Circuit purpose
Above
Recommended value
Below
Recommended value
R01, R02
100
/1W
Resistance for Ripple filters. (Fuse resistance is recommended.
Ripple filter is constituted with C03, C04.)
Short-through current
may decrease at
high frequency.
Short-through current
may increase at high
frequency.
R03,R04,R05,
R06
1k
Resistance for input filters.
-
-
R07,R08,R09,
R10
56k
Input impedance is determined.
Output neutral voltage (VN) shift.
(It is referred that R07=R11, R08=R12,
R09=R13, R10=R14)
R11,R12,R13,
R14
56k
Voltage Gain (VG) is determined with R15, R16, R17, R18
-
-
R15,R16,R17,
R18
1.8k
Voltage Gain (VG) is determined with R11, R12, R13, and R14.
(As for VG, it is desirable to set up by R15, R16, R17, and R18.)
It may oscillate.
(Vg < 30dB)
With especially no
problem
R19,R20,R21,
R22
4.7
Resistance for oscillation prevention.
-
-
R23,R24,R25,
R26
4.7
/1W
Resistance for oscillation prevention.
-
-
R27,R28,R29,
R30
0.22
10%, 5W
Output emitter resistor (Metal-plate Resistor is recommended.)
Decrease of
Maximum output
Power
It may cause thermal
runaway
R31
Note *4
Select Restriction resistance, for the impression voltage of ‘#13 (Stand-By) pin’ must not exceed the maximum
rating.
C01, C02
100
F/100V
Capacitor for oscillation prevention.
 Locate near the HIC as much as possible.
 Power supply impedance is lowered and stable operation of
the IC is carried out. (Electrolytic capacitor is recommended.)
-
-
C03,C04
100
F/100V
Decoupling capacitor
 The Ripple ingredient mixed in an input side Is removed from a
power supply line. (Ripple filter is constituted with R01, R02.)
The change in the Ripple ingredient mixed in
an input side from a power supply line
C05,C06,C07,
C08
2.2
F/50V
Input coupling capacitor. (For DC current prevention.)
-
C09,C10,C11,
C12
470pF
Input filter capacitor
 A high frequency noise is reduced with the filter constituted by
R03, R04, R05, R06.
-
C13,C14,C15,
C16
5pF
Capacitor for oscillation prevention.
It may oscillate.
C17,C18,C19,
C20
10
F/10V
Negative feedback capacitor.
The cutoff frequency of a low cycle changes.
(fL = 1/(2
  C17  R15))
The voltage gain (VG)
of low frequency is
extended. However,
the pop noise at the
time of a power
supply injection also
becomes large.
The voltage gain (VG)
of low frequency
decreases.
C21,C22,C23,
C24
0.1
F
Capacitor for oscillation prevention.
It may oscillate.
C25,C26,C27,
C28
100pF
Capacitor for oscillation prevention.
It may oscillate.
L01,L02,L03,
L04
3
H
Coil for oscillation prevention.
With especially
no problem
It may oscillate.


Numéro de pièce similaire - STK433-840N-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK433-840N-E SANYO-STK433-840N-E Datasheet
270Kb / 12P
   4channel class-AB Audio Power IC 40W 횞 4ch
More results

Description similaire - STK433-840N-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STK433-890N-E ONSEMI-STK433-890N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK433-840N-E SANYO-STK433-840N-E Datasheet
270Kb / 12P
   4channel class-AB Audio Power IC 40W 횞 4ch
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
STK404-120N-E ONSEMI-STK404-120N-E Datasheet
331Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com