Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA6586FA Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce LA6586FA
Description  BTL Driver Single-Phase Full-Wave
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA6586FA Fiches technique(HTML) 3 Page - ON Semiconductor

  LA6586FA Datasheet HTML 1Page - ON Semiconductor LA6586FA Datasheet HTML 2Page - ON Semiconductor LA6586FA Datasheet HTML 3Page - ON Semiconductor LA6586FA Datasheet HTML 4Page - ON Semiconductor LA6586FA Datasheet HTML 5Page - ON Semiconductor LA6586FA Datasheet HTML 6Page - ON Semiconductor LA6586FA Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LA6586FA
No.A2043-3/7
Truth Table
IN-
IN+
CT
OUT1
OUT2
FG
RD
Mode
H
L
H
L
L
L
H
L
L
H
H
L
During rotation
-
-
H
OFF
OFF
-
H
During overheat protection
Pin Assignment
Sample Application Circuit
*1
To enhance the reliability, it is necessary to insert a capacitor Cr to secure the regenerative current route.
*2
To obtain Hall bias from VCC, carry out 1/2×VCC bias as shown in the figure. Linear driving is made through
voltage control of the coil by amplifying the Hall output. When the Hall element output is large, the startup
performance and efficiency are improved. Adjustment of the Hall element can reduce the noise further.
*3
To obtain Hall bias from the HB pin, carry out constant-voltage bias at about 1.5 V. which enables the Hall
element to generate the stable Hall output satisfactory in temperature characteristics. The Hall output amplitude
is adjusted with R1. (In the case of VCC = 12 V, *2 proves advantageous in terms of heat generation in IC.)
*4
Keep this open when not used.
*5
When the wiring from the Hall output to IC Hall input is long, noise may be carried through the wiring.
In this case, insert the capacitor as shown in the figure.
IN+
RD
LA6586FA
HB
IN-
CT
OUT1
FG
VCC
OUT2
GND
(Top view)
GND
VCC
FG
OUT1
OUT2
IN+
HB
*1
Di
Cr
*2
R2
*3
IN+
HB
*5
*4
R1
H
H
RD
R2
CT
On board element
LA6586FA


Numéro de pièce similaire - LA6586FA

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6586T SANYO-LA6586T Datasheet
124Kb / 8P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
More results

Description similaire - LA6586FA

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LA6581T-TE-L-H ONSEMI-LA6581T-TE-L-H Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
LA6581MC ONSEMI-LA6581MC Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
LA6581T-TE-L-E ONSEMI-LA6581T-TE-L-E Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6584M SANYO-LA6584M Datasheet
93Kb / 5P
   BTL Driver Single-Phase Full-Wave
logo
ON Semiconductor
LA6585MC ONSEMI-LA6585MC Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6585M SANYO-LA6585M Datasheet
59Kb / 5P
   For Motor Driver BTL Driver Single-Phase Full-Wave
LA6581M SANYO-LA6581M Datasheet
72Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com