Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB2003M-TL-W Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce SB2003M-TL-W
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB2003M-TL-W Fiches technique(HTML) 1 Page - ON Semiconductor

  SB2003M-TL-W Datasheet HTML 1Page - ON Semiconductor SB2003M-TL-W Datasheet HTML 2Page - ON Semiconductor SB2003M-TL-W Datasheet HTML 3Page - ON Semiconductor SB2003M-TL-W Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
61714HK TC-00002878/N0712TKIM/62310TKIM/62405MSIM SB No.8371-1/4
http://onsemi.com
Semiconductor Components Industries, LLC, 2014
June, 2014
SB2003M
Schottky Barrier Diode
30V, 2A, Low IR, Single MCPH6
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of this data sheet.
Applications
Highfrequencyrectification(switchingregulators,converters,choppers)
Features
Lowswitchingnoise
Halogen free compliance
Lowleakagecurrentandhighreliabilityduetohighlyreliableplanarstructure
Ultrasmallpackagepermittingappliedsetstobesmallandslim(mountingheight0.85mm)
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
35
V
Average Output Current
IO
2.0
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
10
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit:mm(typ)
7022A-014
Ordering number : EN8371C
Product & Package Information
•Package
:MCPH6
•JEITA,JEDEC
:SC-88,SC-70-6,SOT-363
•MinimumPackingQuantity :3,000pcs./reel
Packing Type : TL
Marking
Electrical Connection
TL
1 : Cathode
2 : Cathode
3 : Anode
4 : No Contact
5 : Cathode
6 : Cathode
MCPH6
2.0
0.3
0.65
0.15
0 to 0.02
65
4
12
3
65
4
12
3
SB2003M-TL-E
SB2003M-TL-W
SE
65
4
13
2


Numéro de pièce similaire - SB2003M-TL-W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
SB2003M SANYO-SB2003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
SB2003M SANYO-SB2003M Datasheet
147Kb / 3P
   30V, 2.0A Rectifier
SB2003M SANYO-SB2003M_10 Datasheet
147Kb / 3P
   30V, 2.0A Rectifier
More results

Description similaire - SB2003M-TL-W

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com