Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA5744MP Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce LA5744MP
Description  Separately-Excited Step-Down Switching Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA5744MP Fiches technique(HTML) 2 Page - ON Semiconductor

  LA5744MP Datasheet HTML 1Page - ON Semiconductor LA5744MP Datasheet HTML 2Page - ON Semiconductor LA5744MP Datasheet HTML 3Page - ON Semiconductor LA5744MP Datasheet HTML 4Page - ON Semiconductor LA5744MP Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LA5744MP
No.A0587-2/5
Electrical Characteristics at Ta
= 25°C, VO = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reference voltage
VOS
VIN = 15V, IO = 1.0A
1.20
1.23
1.26
V
Efficiency
η
VIN = 15V, IO = 1.0A
83
%
Switching frequency
f
VIN = 15V, IO = 1.0A
240
300
360
kHz
Line regulation
ΔVOLINE
VIN = 8 to 20V, IO = 1.0A
40
100
mV
Load regulation
ΔVOLOAD
VIN = 20V, IO = 0.5 to 1.5A
10
30
mV
Output voltage temperature
coefficient
ΔVO/ΔTa
Designed target value. *
±0.5
mV/
°C
Ripple attenuation factor
RREJ
f = 100 to 120Hz
45
dB
Current limiter operating voltage
IS
VIN = 15V
3.1
A
Thermal shutdown operating
temperature
TSD
Designed target value. *
165
°C
Thermal shutdown Hysteresis
width
ΔTSD
Designed target value. *
15
°C
* Design target value : No measurement made.
Package Dimensions
unit : mm (typ)
3275
Pin Assignment
(1) VIN (2) SWOUT (3) GND (4) VOS (5) SS
SANYO : SMP5
10.0
1.3
4.5
2.7
0.4
1.7
(1.6)
0.9
15
0.2
Ambient temperature, Ta -
°C
140
120
100
80
60
40
20
0
-20
-30
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Pd max - Ta
MSG06072
160
4.5
3.90
Specified sbstrate: 76.1
×114.3×1.6mm3
Copper foil ratio 60% FR4


Numéro de pièce similaire - LA5744MP

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA5744MP SANYO-LA5744MP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
More results

Description similaire - LA5744MP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LA5724MC ONSEMI-LA5724MC Datasheet
158Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5735MC ONSEMI-LA5735MC Datasheet
78Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5779 ONSEMI-LA5779 Datasheet
62Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5744 ONSEMI-LA5744 Datasheet
75Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5774 ONSEMI-LA5774 Datasheet
65Kb / 5P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5779MP ONSEMI-LA5779MP Datasheet
122Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5759 ONSEMI-LA5759 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5756 ONSEMI-LA5756 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5757TP ONSEMI-LA5757TP Datasheet
71Kb / 6P
   Separately-excited Step-down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
TN8D51A SANYO-TN8D51A Datasheet
177Kb / 11P
   Separately-Excited Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com