Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10125P Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC10125P
Description  Quad MECL to TTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10125P Fiches technique(HTML) 2 Page - ON Semiconductor

  MC10125P Datasheet HTML 1Page - ON Semiconductor MC10125P Datasheet HTML 2Page - ON Semiconductor MC10125P Datasheet HTML 3Page - ON Semiconductor MC10125P Datasheet HTML 4Page - ON Semiconductor MC10125P Datasheet HTML 5Page - ON Semiconductor MC10125P Datasheet HTML 6Page - ON Semiconductor MC10125P Datasheet HTML 7Page - ON Semiconductor MC10125P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10125
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Negative Power Supply
Drain Current
IE
8
–44
–40
–44
mAdc
Positive Power Supply
ICCH
9
52
52
52
mAdc
os
e
o e Su
y
Drain Current
ICCL
9
39
39
39
mAdc
Input Current
IinH1
2
180
115
115
µAdc
Input Leakage Current
ICBO
2
1.5
1.0
1.0
µAdc
High Output Voltage
VOH
4
2.5
2.5
2.5
Vdc
Low Output Voltage
VOL
4
0.5
0.5
0.5
Vdc
High Threshold Voltage
VOHA
4
2.5
2.5
2.5
Vdc
Low Threshold Voltage
VOLA
4
0.5
0.5
0.5
Vdc
Indeterminate Input
VOLS1
4
0.5
0.5
0.5
Vdc
de e
a e
u
Protection Tests
VOLS2
4
0.5
0.5
0.5
Vdc
Short Circuit Current
IOS
4
40
100
40
100
40
100
mAdc
Reference Voltage
VBB
1
–1.420
–1.280
–1.350
–1.230
–1.295
–1.150
Vdc
Common Mode Rejection
Tests
VOH
4
4
2.5
2.5
2.5
2.5
2.5
2.5
Vdc
VOL
4
4
0.5
0.5
0.5
0.5
0.5
0.5
Vdc
Switching Times
(50
Load)
ns
Propagation Delay
(50% to +1.5Vdc)
t6+5–
t6–5+
t2+4–
t2–4+
5
5
4
4
1.0
1.0
1.0
1.0
6.0
6.0
6.0
6.0
1.0
1.0
1.0
1.0
4.5
4.5
4.5
4.5
6.0
6.0
6.0
6.0
1.0
1.0
1.0
1.0
6.0
6.0
6.0
6.0
Rise Time (+1.0V to 2.0V)
t4+
4
3.3
3.3
3.3
Fall Time
(+1.0V to 2.0V)
t4–
4
3.3
3.3
3.3
1. Individually test each output, apply VIHmax to pin under test.


Numéro de pièce similaire - MC10125P

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC10125P MOTOROLA-MC10125P Datasheet
127Kb / 7P
   Quad MECL to TTL Transistor
More results

Description similaire - MC10125P

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC10524 MOTOROLA-MC10524 Datasheet
656Kb / 10P
   Quad TTL-to-MECL Translator
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125 Datasheet
78Kb / 8P
   Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
logo
Motorola, Inc
MC10525 MOTOROLA-MC10525 Datasheet
872Kb / 12P
   Quad MECL-to-TTL Translator
logo
ON Semiconductor
MC10124 ONSEMI-MC10124 Datasheet
125Kb / 7P
   Quad TTL to MECL Translator
1996 REV 5
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10H124 ONSEMI-MC10H124 Datasheet
79Kb / 6P
   Quad TTL-to-MECL Translator With TTL Strobe Input
September, 2004 ??Rev. 8
logo
Motorola, Inc
MC10125 MOTOROLA-MC10125 Datasheet
127Kb / 7P
   Quad MECL to TTL Transistor
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125_06 Datasheet
156Kb / 8P
   Quad MECL?뭪o?뭈TL Translator
February, 2006 ??Rev. 12
MC10H125 ONSEMI-MC10H125_16 Datasheet
149Kb / 6P
   Quad MECL?릘o?륳TL Translator
August, 2016 ??Rev. 14
logo
NXP Semiconductors
10129 PHILIPS-10129 Datasheet
412Kb / 9P
   Quad TTL-to-ECL Translator
June 14 1990
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com