Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72725KV Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce LC72725KV
Description  RDS(RBDS) Demodulation IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC72725KV Fiches technique(HTML) 1 Page - ON Semiconductor

  LC72725KV Datasheet HTML 1Page - ON Semiconductor LC72725KV Datasheet HTML 2Page - ON Semiconductor LC72725KV Datasheet HTML 3Page - ON Semiconductor LC72725KV Datasheet HTML 4Page - ON Semiconductor LC72725KV Datasheet HTML 5Page - ON Semiconductor LC72725KV Datasheet HTML 6Page - ON Semiconductor LC72725KV Datasheet HTML 7Page - ON Semiconductor LC72725KV Datasheet HTML 8Page - ON Semiconductor LC72725KV Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
60612HK 20060913-S00003/83006HKIM 20060822-S00002,20060823-S00002 No.A0503-1/9
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
June, 2013
LC72725KV
Overview
The LC72725KV is IC that implement the signal processing required by the European Broadcasting Union RDS
(Radio Data System) standard and by the US NRSC (National Radio System Committee) RBDS (Radio Broadcast
Data System) standard. This IC include band-pass filter, demodulator, and data buffer on chip. RDS data can be read
out from this on-chip memory by external clock input in slave operation mode.
Functions
• Bandpass filter: Switched capacitor filter (SCF)
• RDS Demodulation: 57KHz carrier and RDS data clock regeneration, biphase decode, differential decode.
• Buffer: 128 bit (about 100ms) can be restored in the on-chip data buffer RAM.
• Data output: Master or slave output mode can be selected.
• RDS-ID: Detect RDS signal which can be reset by RST signal input.
• Standby control: Crystal oscillator can be stopped.
• Fully adjustment free
• Low Voltage
Specifications
Absolute Maximum Ratings at Ta = 25
°C, VSSd = VSSa = 0V
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDDd, VDDa *
VDDa≤VDDd+0.3V
-0.3 to +6.5
V
Maximum input voltage
VIN1
max
TEST, MODE, XIN, RDCL, RST
-0.3 to VDDd+0.3
V
VIN2
max
MPXIN, CIN
-0.3 to VDDa+0.3
V
Maximum output voltage
VO1 max
RDS-ID(READY)
-0.3 to +6.5
V
VO2 max
XOUT, RDDA, RDCL
-0.3 to VDDd+0.3
V
VO3 max
FLOUT
-0.3 to VDDa+0.3
V
Maximum output current
IO1 max
XOUT, FLOUT, RDDA, RDCL
+2.0
mA
IO2 max
RDS-ID(READY)
+8.0
mA
* VDDa≤VDDd+0.3V
Continued on next page.
Ordering number : ENA0503A
Ordering number : ENA0503A
CMOS IC
RDS(RBDS) Demodulation IC


Numéro de pièce similaire - LC72725KV

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72725KV SANYO-LC72725KV Datasheet
176Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
LC72725KV SANYO-LC72725KV Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
LC72725KVS SANYO-LC72725KVS Datasheet
91Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
logo
ON Semiconductor
LC72725KVS ONSEMI-LC72725KVS Datasheet
90Kb / 9P
   RDS(RBDS) Demodulation IC
June, 2013
More results

Description similaire - LC72725KV

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72725KMA SANYO-LC72725KMA Datasheet
88Kb / 9P
   RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
logo
ON Semiconductor
LC72725KVS ONSEMI-LC72725KVS Datasheet
90Kb / 9P
   RDS(RBDS) Demodulation IC
June, 2013
logo
Sanyo Semicon Device
LC72725KVS SANYO-LC72725KVS Datasheet
91Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM Datasheet
176Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
LC72723 SANYO-LC72723 Datasheet
114Kb / 8P
   RDS Demodulation IC
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
   RDS / RBDS decoder
logo
STMicroelectronics
TDA7333 STMICROELECTRONICS-TDA7333 Datasheet
656Kb / 21P
   RDS/RBDS PROCESSOR
January 2005 Rev. 1
TDA7333N STMICROELECTRONICS-TDA7333N Datasheet
415Kb / 36P
   RDS/RBDS processor
logo
Rohm
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
   RDS / RBDS decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com