Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC-1400RHN4 Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce TC-1400RHN4
Description  1400W Redundant Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-1400RHN4 Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TC-1400RHN4 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-1400RHN4 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-1400RHN4 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-1400RHN4 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-1400RHN4 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC-1400RHN4 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC-1400RHN4 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC-1400RHN4 Datasheet HTML 14Page - List of Unclassifed Manufacturers TC-1400RHN4 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TC-1800_2000RHN4(W422)
外殼尺寸圖
/ /
COMPUTER
2007,10,28
JACKY
TOLEANCES:
.XXX=
.XX=
.X=
± .025
± .1
± .2
容許公差:
投影法:
材料規格
MATERIAL
PROJECTION:
第三角法
核准者
APPROVE BY
審核者
CHECK BY
繪圖者
DRAW BY
單位
UNITS
圖號
DRAW NO
編號
SHEET
日期
DATE
OF
mm
料號
PART NO
品名
MODEL NO
版次
DESCRIPION
REV
修訂
REVISIONS
記述
簽名
日期 DATE
SING
DIMENSION:340(D) x 422(W) x 43(H)mm
SPPC T1.0
#6-32(X6)
NOTE:
L=
mm


Numéro de pièce similaire - TC-1400RHN4

FabricantNo de pièceFiches techniqueDescription
logo
Vectron International, ...
TC-140 VECTRON-TC-140 Datasheet
88Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXOs)
TC-140-BAB-1PM VECTRON-TC-140-BAB-1PM Datasheet
88Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXOs)
TC-140-BAB-207 VECTRON-TC-140-BAB-207 Datasheet
88Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXOs)
TC-140-BAB-4PM VECTRON-TC-140-BAB-4PM Datasheet
88Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXOs)
TC-140-BAB-ST3 VECTRON-TC-140-BAB-ST3 Datasheet
88Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXOs)
More results

Description similaire - TC-1400RHN4

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
PWS-1K41P-1R ETC1-PWS-1K41P-1R Datasheet
353Kb / 1P
   1400W 1U Redundant Power Supply Specification
PWS-1K41F-1R ETC1-PWS-1K41F-1R Datasheet
347Kb / 1P
   1400W 1U Redundant AC-DC Power Supply Specification
EFRD-PA40 ETC2-EFRD-PA40 Datasheet
431Kb / 2P
   1400W 1U Redundant Power Module
logo
Adlink Technology Inc.
CPCIS-ET1100 ADLINK-CPCIS-ET1100 Datasheet
211Kb / 2P
   Redundant Power Supply
logo
BOSER Technology Co., L...
ARI-6400F BOSER-ARI-6400F Datasheet
79Kb / 1P
   400W Redundant Power Supply
logo
List of Unclassifed Man...
TC-950RVN3 ETC2-TC-950RVN3 Datasheet
266Kb / 17P
   950W Redundant Power Supply
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
TC-2000RVN4 ETC2-TC-2000RVN4 Datasheet
282Kb / 17P
   2000W Redundant Power Supply
TC-1350RVN3 ETC2-TC-1350RVN3 Datasheet
265Kb / 17P
   1350W Redundant Power Supply
TC-1700RVN4 ETC2-TC-1700RVN4 Datasheet
282Kb / 17P
   1700W Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com