Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-1100RVN3 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce TC-1100RVN3
Description  1100W Redundant Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-1100RVN3 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TC-1100RVN3 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
3.5.OUTPUT
3.5.1. Stand-by power
The system shall provide a standby output of 5V +/- 5% with a current sourcing capability of
3.0A. The ripple and noise of this output shall be less than 50mVp-p. The output shall be
active whenever AC power is applied to the unit. *PSON shall have no effect on this output.
3.5.2. Output current capacity
Each of the 1+1 redundant power supply module shall be capable of supplying the output
currents of as below subject to the listed conditions and a total output power of 600 watts.
Due to the active current share, the actual maximum steady state current from each output
shall be about half of the maximum current specified.
OUTPUT CURRENT
REGULATION
OUTPUT
OUTPUT
VOLTAGE
TC-1100RVN3
Min.
Max.
LOAD
LINE
RIPPLE & NOISE max. (P-P)
+5V
3A
60A
±5%
±1%
50mV
+3.3V
3A
47A
±5%
±1%
50mV
+12V
4.5A
88A
±5%
±1%
70mV
-12V
0A
1.5A
±5%
±1%
70mV
+5SB
0.3A
3A
±5%
±1%
50mV
REMARKS:
1.Total Max output of +5V AND +3.3V not exceed 400W
2.Power module Total output power not exceed 1100W forTC-1100RVN3
3.Noise bandwidth is from DC to 20MHz.
3.5.3. Output voltage rise time
The rise time shall be less than 20 ms measured from 10% to 90%.
3.5.4. Output voltage hold up time
Upon loss of an ac input at any input voltage between 115/230V, the output
voltages of the system shall remain in regulation for at least 16 ms at full output
loads.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn