Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-1100RVN3 Fiches technique(PDF) 16 Page - List of Unclassifed Manufacturers

No de pièce TC-1100RVN3
Description  1100W Redundant Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-1100RVN3 Fiches technique(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button TC-1100RVN3 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 14Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 15Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 16Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
5.6. Power line disturbance
5.6.1. Over voltage
The power supply shall function with no interruption when line input is surged 15 %
above nominal for one second. The verification test shall be performed 10 times with a
10 % duty cycle.
5.6.2. Under voltage
The power supply shall function with no interruption when line input is sagged
20%below nominal for one second. The verification test shall be performed10 times
with a 10 % duty cycle.
5.6.3. Surviving surge and sag
Power supply shall survive a surge to 147VAC for 0.5 second and a sag to 80VAC
for 0.5 second without damage.
6. REGULATORY
6.1. Safety standards
A. UL/cUL60950-1
B. TUV EN60950-1
C. CB
D. CCC
6.1.1. Leakage current
Input leakage current from line to frame ground will be less than 3.5mA rms. for
each power module. Condition: 264Vac/60Hz
6.1.2. Isolation resistance
Primary to earth ground 500Vdc , 50M ohms Min.
6.1.3. Dielectric Withstand Voltage
Primary to Secondary : 1500V ac / 50Hz for 1 Minute.
Primary to Safety Ground: 1500V ac / 50Hz for 1 Minute.
6.2. Electromagnetic compatibility
6.2.1. EMI/RFI standards
A. FCC Part 15, class A.
B. CISPR22 (EN55022)class A.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn