Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-1100RVN3 Fiches technique(PDF) 15 Page - List of Unclassifed Manufacturers

No de pièce TC-1100RVN3
Description  1100W Redundant Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-1100RVN3 Fiches technique(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button TC-1100RVN3 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 14Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 15Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 16Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
4.3. AC input connector
IEC 320 AC Inlet with EMI Filter, 15A/250V
4.4. Cooling
BY BALL BEARING DC FAN.
5. ENVIRONMENTS
5.1. Temperature
Operating : 0
to
+45℃
Non Operating: -20
to
+70℃
5.2. Humidity
Operating : 5% to 95%, non-condensing
Non Operating: 20% to 90%,non-condensing
5.3. Altitude
Operating: sea level to 7,000 feet
Non-operating: sea level to 40,000 feet
5.4. Shock
5.4.1. Operating
5g for 11ms with a ½ sine wave for each of the perpendicular axes X, Y, and Z.
5.4.2. Non-operating
30g for 11ms with a ½ sine wave for each of the perpendicular axes X, Y, and Z.
5.5. Vibration
5.5.1. Operating
10Hz to 500Hz sweep at 0.5g constant acceleration for one hour on each of the
perpendicular axes X, Y, and Z.
5.5.2. Non-operating
10Hz to 300Hz sweep at 2g constant acceleration for one hour on each of the
perpendicular axes X, Y, and Z.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn