Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-1100RVN3 Fiches technique(PDF) 14 Page - List of Unclassifed Manufacturers

No de pièce TC-1100RVN3
Description  1100W Redundant Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-1100RVN3 Fiches technique(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button TC-1100RVN3 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 14Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 15Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 16Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
/ WHITE
/ WHITE
H2510
GREEN
PWR LED
RED
BROWN
5 LED
PIN2
PIN1
187P
/ WHITE
WIRE COLOR
Name
PW1 LED
PW2 LED
COM
900mm ±20mm
LENGTH
WIRE
TYPE
SIGNAL
WIRE
COLOR
Pin
No.
2
1
22AWG
22AWG
BLACK
+5V
RED
900mm
±20mm
LENGTH
WIRE
TYPE
22AWG
22AWG
22AWG
22AWG
22AWG
1
2
Pin
No.
WIRE
COLOR
SIGNAL
WIRE
TYPE
LENGTH
900mm ±20mm
GRAY
GRAY
LED COLOR
ORANGE
RED/GREEN
COM
REST
Connector HOUSING: Molex 22-01-3027 or equivalent
TTL Signal
ALARM Rest
LED Indicators
Power Module (PW1/PW2/PW3 LED) & Power System (PWR LED)
PIN1
5PIN(SERIAL ATA HD)
Connector HOUSING: TKP/H127M2 or equivalent
BLACK
COM
YELLOW
18AWG
18AWG
1
2
Pin
No.
WIRE
COLOR
SIGNAL
WIRE
TYPE
LENGTH
650mm ±20mm
150mm ±10mm
+12V
3
18AWG
+5V
RED
BLACK
COM
18AWG
4
5
18AWG
+3.3V
ORANGE
ORANGE
22AWG
ORANGE / WHITE
ORANGE
PW3 LED
PIN2
PIN1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn