Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-1100RVN3 Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers

No de pièce TC-1100RVN3
Description  1100W Redundant Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-1100RVN3 Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TC-1100RVN3 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 14Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 15Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 16Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
P4H1
P4H3
P4H6
P4H5
P4H4
P4H2
TERMINAL:AMP 60619-4 or equivalent
4Pins(HD/CD-ROM/RW)
COM
150mm ±10mm
LENGTH
WIRE
SIZE
SIGNAL
WIRE
COLOR
Pin
No.
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
Connector HOUSING: AMP 480424-0 or equivalent
Name
P4F2
P4F1
P4H6
P4H5
P4H4
P4H3
P4H2
P4F2
P4H1
P4F1
PIN4
PIN3
PIN2
PIN1
PIN1
PIN2
PIN3
PIN4
PIN4
PIN3
PIN2
PIN1
PIN1
PIN2
PIN3
PIN4
PIN4
PIN3
PIN2
PIN1
PIN1
PIN2
PIN3
PIN4
PIN1
PIN4
PIN1
PIN4
Name
Name
Connector HOUSING: AMP 480424-0 or equivalent
Connector HOUSING: AMP 171822-4 or equivalent
COM
150mm ±10mm
LENGTH
WIRE
TYPE
SIGNAL
WIRE
COLOR
Pin
No.
3
4
2
1
22AWG
22AWG
22AWG
22AWG
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
+5V
COM
BLACK
YELLOW
+12V
RED
BLACK
18AWG
18AWG
18AWG
18AWG
1
2
4
3
Pin
No.
WIRE
COLOR
SIGNAL
WIRE
SIZE
LENGTH
650mm ±20mm
COM
4Pins(FLOPPY DISK)
TERMINAL: AMP 170262-2 or equivalent
4Pins(HD/CD-ROM/RW)
TERMINAL:AMP 60619-4 or equivalent
TERMINAL: MOLEX 39-00-0060 or equivalent
Connector HOUSING: MOLEX 39-01-0280 or equivalent
6Pins(PCI Express)
+12V
+12V
COM
COM
COM
YELLOW
YELLOW
BLACK
BLACK
BLACK
+12V
YELLOW
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
1
2
4
3
5
6
Pin
No.
WIRE
COLOR
SIGNAL
WIRE
TYPE
LENGTH
650mm ±20mm
PIN1
PIN4
PIN3
PIN6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn