Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-550RVN2 Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce TC-550RVN2
Description  550W550W for IPC-Computer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-550RVN2 Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TC-550RVN2 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
3.6. PROTECTION
3.6.1. Over voltage protection
OUTPUT
Min
Max
+3.3V
3.75V
4.3V
+5V
5.7V
6.9V
+12V
13V
14.3V
3.6.2. Over power protection
OVER 110% ~ 150% of rated load Shut down latch off.
3.6.3. Short circuit protection
All output equipped with short circuit.(Shut down o/p voltage, re-power on to recover).
3.6.4. Over temperature protection
When power supply temperature over 115±5℃, power supply will shut down
As it cools down to 85±5℃, the power supply will re-start in auto-recovery.
3.7. Power system fault signal
When one of the power supply module in the system fails to provide output, the system
shall provide:
3.7.1. Audible buzzer
When the warning buzzer sounds, the user can reset the warning buzzer by
pressing the buzzer reset or use the reset switch of the system chassis. The reset
switch can be connected by wires lead provided from the power supply system
(please refer to Sec. 3.7.2./3.7.3.). Insert the power module which is removed for
testing earlier, the sound of the warning buzzer will disappear, the external warning
LED will turn Green again. The LED indicating the status of the power supply will
light again when testing another power supply by performing the similar
procedure.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn