Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-550RVN2 Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce TC-550RVN2
Description  550W550W for IPC-Computer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-550RVN2 Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TC-550RVN2 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
3.5.5. Dynamic load response time
The following shall apply to the 3.3 V, 5 V, and 12 V outputs:
Output voltage for each output shall recover to within 5 % of its steady state level in less
than 1 ms under the following conditions:
AC INPUT VOLTAGE: 90VAC ~ 264VAC
Repetition rate of 100Hz with 50 % duty cycle
OUTPUT
Step Load Size
Load Slew Rate
+3.3V
75% to 100% to 75% load
0.5 A/
u sec
+5V
75% to 100% to 75% load
0.5 A/
u sec
+12V
75% to 100% to 75% load
0.5 A/
u sec
3.5.6. Remote On/Off Control
The main outputs of this power supply (3.3V,5V,12V,-12V) shall be energized when input
signal*PSON is active. *PSON is an active low TTL compatible signal referenced to the +5V
standby common. This input signal shall be an open collector signal capable of sinking a
minimum of 4mA. When *PSON becomes inactive, the main outputs shall be disabled.
Power on
Power off
PSON
LOW (0.8V max)
HI (2V max)
3.5.7. Power good signal
The system shall have an active high TTL compatible signal capable of sinking 1mA and
sourcing 100uA. The signal shall become active within 100 to 500 ms from the instant +5V
output reaches a steady state level within the specified regulation limits. It shall become
inactive at least 1 ms before +5V drops to below the lower regulation limit.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn