Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-550RVN2 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce TC-550RVN2
Description  550W550W for IPC-Computer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-550RVN2 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  TC-550RVN2 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2. GENERAL
This specification describes the performance characteristics of a 550watts hot swappable, 1+1
power system with +3.3V,+5V,+12V, -12V main DC outputs, and 5V standby outputs. The
system is configured to hold two identical 550W power supply modules, SURE STAR Model
TC-550RVN2.
3. ELECTRICAL PERFORMANCE
3.1.INPUT
3.1.1. AC input voltage range
90VAC ~ 264VAC
3.1.2. AC Input frequency
47 ~ 63Hz
3.1.3. Input waveform
The unit is capable of operating with 10% distorted sine wave input. It is measured
by a distortion analyzer. Its flat-topping clipped 10% from the peak value of standard
sine-wave.
3.1.4. Input current and inrush current
AC INPUT VOLTAGE
MAX.INPUT CURRENT
per power supply module
MAX INRUSH CURRENT
per power supply module
115Vrms
10A rms
60A pack
230Vrms
5A rms
120A pack
3.2. Input current harmonics
The input current drawn on the power line shall not exceed the limits set by IEC-61000-3-2.
3.3. Input power factor
The minimum power factor at full load shall be 0.98/115V 60 Hz and
0.96/230V 50 Hz.
3.4. Efficiency
76% Typical at full load


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn