Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-550RVN2 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce TC-550RVN2
Description  550W550W for IPC-Computer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-550RVN2 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  TC-550RVN2 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1. INTRODUCTION
First of all, thank you for purchasing RVN2 Series High-Density Redundant power supply for
2/3U chassis.
The RVN2 is a 1+1, Hot-swappable/Hot-pluggable, High-Density Redundant power supply set,
it consists of:
(1) complete metal frame (nickel-plated)
(2) compact size (smaller than PSII form factor) 1+1 power modules
(3) backplane board
The RVN2 Series of hot swappable high-density redundant power supply offer a maximum
550watts of output power. The RVN2 series provide Active Power Factor Correction (PFC) at
full range AC Input complies with EN 61000-3-2/3 for critical applications.
The power unit’s size is compact which smaller than PSII form factor and both power modules
built two interior 38X38 m/m ball bearing DC fans. Each power module has designed with 5
outputs including +3.3V, +5V, +12V, -12V & 5VSB circuits and higher current availability based
on Intel ATX12V / EPS12V standards. All you can see on the backplane board is just passive
components and this is the key point to a greater Power Supply MTBF.
The unit including LED display, buzzer alarm, TTL signal, etc.
When all the power modules are at normal condition, it balances the load share through its
parallel design and results the power system increase reliability.
To really discover the power and ease in using these products, we recommend that you read
through this manual carefully.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn