Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-550RVN2 Fiches technique(PDF) 14 Page - List of Unclassifed Manufacturers

No de pièce TC-550RVN2
Description  550W550W for IPC-Computer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-550RVN2 Fiches technique(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button TC-550RVN2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 14Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 15Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
/ WHITE
/ WHITE
H2510
GREEN
External LED
RED
BROWN
5 LED
PIN2
PIN1
187P
PIN2
PIN1
Power Module/System Status LED
/ WHITE
WIRE COLOR
Name
PW1LED
PW2LED
ALARM Reset Switch Connector
TTL Signal Cable
620mm ±20mm
LENGTH
WIRE
TYPE
SIGNAL
WIRE
COLOR
Pin
No.
6
5
3
4
2
1
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
+12V
COM
COM
COM
+12V
+12V
COM
840mm ±20mm
LENGTH
WIRE
TYPE
SIGNAL
WIRE
COLOR
Pin
No.
2
1
22AWG
22AWG
BLACK
+5V
RED
840mm ±20mm
LENGTH
WIRE
TYPE
22AWG
22AWG
22AWG
22AWG
22AWG
1
2
Pin
No.
WIRE
COLOR
SIGNAL
WIRE
TYPE
LENGTH
840mm ±20mm
GRAY
GRAY
LED COLOR
ORANGE
RED/ORANGE
COM
RESET
Connector HOUSING: Molex 22-01-3027 or equivalent
6Pins(PCI Express)
Connector HOUSING: MOLEX 39-01-0280 or equivalent
TERMINAL: MOLEX 39-00-0060 or equivalent
TTL Signal
ALARM Reset Switch Connector
POWER Module/System Status LED
ORANGE
PIN6
PIN3
PIN4
PIN1
PIN6
PIN3
PIN4
PIN1
Connector HOUSING: MOLEX 67582-0000 or equivalent
15Pins(SATA)
18AWG
18AWG
18AWG
18AWG
18AWG
+5V
Pin
No.
WIRE
COLOR
SIGNAL
WIRE
TYPE
LENGTH
620mm ±20mm
+3.3V
COM
COM
+12V
4
3
2
1
5
(1-3)
(4-6)
(7-9)
(10-12)
(13-15)
PB
Name
1
2
3
4
5
Red / Red
Yellow / Yellow
Black / Black
Orange / Orange
Black / Black
4
3
2
1
5
(1-3)
(4-6)
(7-9)
(10-12)
(13-15)
18AWG
18AWG
18AWG
18AWG
18AWG
+5V
BLACK
RED
150mm ±20mm
ORANGE
BLACK
YELLOW
+3.3V
COM
COM
+12V
1
2
3
4
5
PD
PC
Name
150mm ±20mm
6
5
3
4
2
1
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
YELLOW
+12V
BLACK
BLACK
BLACK
YELLOW
YELLOW
COM
COM
COM
+12V
+12V
PA
PB
PD
PC
PA
yellow / yellow
black / black
black / black
black / black
yellow / yellow
yellow / yellow
4.3. AC input connector
IEC 320 AC Inlet with EMI Filter, 15A/250V
4.4. Cooling
BY BALL BEARING DC FAN.
5. ENVIRONMENTS
5.1. Temperature
Operating : 0
to
+45℃
Non Operating: -20
to
+70℃


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn