Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-550RVN2 Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers

No de pièce TC-550RVN2
Description  550W550W for IPC-Computer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-550RVN2 Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TC-550RVN2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 14Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 15Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TERMINAL:AMP 60619-4 or equivalent
4Pins(HD/CD-ROM/RW)
TERMINAL: AMP 170262-2 or equivalent
4Pins(FLOPPY DISK)
COM
620mm ±20mm
LENGTH
WIRE
SIZE
SIGNAL
WIRE
COLOR
Pin
No.
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
+5V
COM
BLACK
YELLOW
+12V
RED
BLACK
22AWG
22AWG
22AWG
22AWG
1
2
4
3
Pin
No.
WIRE
COLOR
SIGNAL
WIRE
TYPE
LENGTH
150mm ±10mm
COM
Connector HOUSING: AMP 171822-4 or equivalent
Connector HOUSING: AMP 480424-0 or equivalent
Name
Name
PIN4
PIN1
PIN4
PIN3
PIN2
PIN1
PIN1
PIN2
PIN3
PIN4
PIN4
PIN3
PIN2
PIN1
PIN1
PIN2
PIN3
PIN4
P4F2
P4H18
P4H1
P4H2
P4H3
P4F1
P4F2
Name
Connector HOUSING: AMP 480424-0 or equivalent
+5V
COM
BLACK
YELLOW
+12V
RED
BLACK
18AWG
18AWG
18AWG
18AWG
1
2
4
3
Pin
No.
WIRE
COLOR
SIGNAL
WIRE
SIZE
LENGTH
150mm ±10mm
COM
4Pins(HD/CD-ROM/RW)
TERMINAL:AMP 60619-4 or equivalent
P4H1,2,
4,5,7,8,
10,11,
13,14,
16
P4H3,
6,9,12,
15,17,
18
PIN1
PIN2
PIN3
PIN4
PIN4
PIN3
PIN2
PIN1
PIN1
PIN2
PIN3
PIN4
P4H4
P4H5
P4H6
PIN1
PIN2
PIN3
PIN4
PIN4
PIN3
PIN2
PIN1
PIN1
PIN2
PIN3
PIN4
P4H7
P4H8
P4H9
PIN1
PIN2
PIN3
PIN4
PIN4
PIN3
PIN2
PIN1
PIN1
PIN2
PIN3
PIN4
P4H10
P4H11
P4H12
PIN1
PIN2
PIN3
PIN4
PIN4
PIN3
PIN2
PIN1
PIN1
PIN2
PIN3
PIN4
P4H13
P4H14
P4H15
PIN4
PIN1
P4F1
PIN4
PIN3
PIN2
PIN1
PIN1
PIN2
PIN3
PIN4
P4H16
P4H17


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn