Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-550RVN2 Fiches technique(PDF) 12 Page - List of Unclassifed Manufacturers

No de pièce TC-550RVN2
Description  550W550W for IPC-Computer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-550RVN2 Fiches technique(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button TC-550RVN2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 14Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 15Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
4.2. DC Output cables -- M24P+M8P+M4P, SATA*2, PCI-E 6pin*2, HDD*18, Floppy*2.
BLACK
ORANGE
YELLOW
YELLOW
Connector HOUSING: MOLEX 39-01-0280 or equivalent
PIN4
PIN2
Pin8
Pin4
8Pins(EPS12V)
Pin1
Pin5
PURPLE
PIN24
PIN12
Connector HOUSING: MOLEX 39-01-2240 or equivalent
GRAY
BLACK
RED
BLACK
LENGTH
WIRE
TYPE
SIGNAL
WIRE
COLOR
Pin
No.
RED
ORANGE
ORANGE
PIN1
PIN3
PIN1
PIN13
10
12
11
+12V3
+12V3
+3.3V
6
8
7
9
+5V
COM
PW-OK
+5SB
COM
+5V
COM
+3.3V
5
+3.3V
3
4
2
1
600mm ±20mm
14
16
15
17
-12V
COM
PS-ON
COM
+3.3V
13
COM
18
19
COM
+5V
21
20
OPTION
22
+5V
+5V
23
24
COM
NC
ORANGE
BLUE
RED
RED
RED
GREEN
BLACK
BLACK
BLACK
BLACK
BLACK
ORANGE
+3.3S
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
22AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
1
2
4
3
5
COM
+12V
7
8
6
Pin
No.
WIRE
COLOR
SIGNAL
WIRE
TYPE
LENGTH
BLACK
BLACK
620mm ±20mm
BLACK
BLACK
YELLOW
YELLOW
YELLOW
YELLOW
COM
COM
COM
+12V
+12V
+12V
COM
COM
BLACK
620mm ±20mm
LENGTH
WIRE
TYPE
SIGNAL
WIRE
COLOR
Pin
No.
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
YELLOW
+12V
YELLOW
+12V
24Pins(EPS12V)
TERMINAL: MOLEX 39-00-0039 or equivalent
TERMINAL: MOLEX 39-00-0060 or equivalent
4Pins(ATX12V,FOR P4)
Connector HOUSING: MOLEX 39-01-0240 or equivalent
TERMINAL: MOLEX 39-00-0060 or equivalent


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn