Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-550PA Datasheet(Fiches technique) 1 Page - List of Unclassifed Manufacturers

Numéro de pièce TC-550PA
Description  AC Input Voltage: 90~264V (Active PFC) Frequency: 47 to 63 Hz..
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-550PA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TC-550PA Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-550PA Datenblatt HTML 2Page - List of Unclassifed Manufacturers TC-550PA Datenblatt HTML 3Page - List of Unclassifed Manufacturers TC-550PA Datenblatt HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURE STAR COMPUTER CO., LTD
NO.2-1,DAAN ROAD, SHULIN .DIST., NEW TAIPEI CITY 238 , TAIWAN.
E-mail: info@surestar.com.tw
Tel : +886 2 2682 2 505
http: //www.surestar.com.tw
Fax: +886 2 2682 2515
Model: TC-550PA ( ATX PS II 550W )
1. Specification
AC Input Voltage: 90~264V (Active PFC)
Frequency: 47 to 63 Hz..
DC Output: 550W maximum
Output
Output
Output
Output
Output
Voltage:
+5V DC
+12V DC
-5V DC
-12V DC
+3.3V DC
Maximum Load:
30A
V1:16A / V2:16A
0.8A
1A
30A
Minimum Load:
0.5A
0.5A / 0.5A
0A
0A
0.5A
Ripple:
50mv
120mv
50mv
120mv
40mv
Ripple/Noise:
100mv
150mv
100mv
240mv
40mv
Line Regulation:
±1﹪
±1﹪
±1﹪
±1﹪
±1﹪
Output Regulation:
±5﹪
±6﹪
±10﹪
±10﹪
±5﹪
Cross Regulation:
±5﹪
±6﹪
±10﹪
±10﹪
±5﹪
+5VSB: 2A
2. Hold-up time (Typ.):
16ms at maximum load & normal input voltage
3. RISE TIME:
20ms at full Load
4. Efficiency: 78% TYPICAL (Normal Line)
5. FUNCTION
5.1 REMOTE ON/OFF CONTROL:
Power off: PS-ON = 2V min.
Power on: PS-ON = 0.8V max.
5.2 POWER GOOD SIGNAL:
ON DELAY 100 ms ~ 500 ms
5.3 POWER FAIL DELAY:
>1msec.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn