Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-400R2UH Datasheet(Fiches technique) 1 Page - List of Unclassifed Manufacturers

Numéro de pièce TC-400R2UH
Description  1U Redundant Power Supply
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-400R2UH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TC-400R2UH Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 2Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 3Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 4Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 5Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 6Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 7Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SURE STAR COMPUTER CO., LTD
No. 2-1, Daan Road, Shulin Dist., New Taipei City 238, Taiwan
E-mail: info@surestar.com.tw
Tel: +886 2 268 2 250 5
http: //www.surestar.com.tw
Fax: +886 2 268 2 251 5
1U Redundant Power Supply
Model No. TC-400R2UH
Revision: A1
Table of content
1. Introduction............................................................................................2
2. Specification
2.1 Input Voltage.....................................................................................2
2.2 DC Output.........................................................................................2
2.3 PS-ON (Remote ON/OFF)................................................................3
2.4 PW-OK(power good signal)...............................................................3
2.5 Efficiency...........................................................................................3
2.6 Hold-Up Time.....................................................................................3
3. PROTECTION
3.1
Over Voltage protection....................................................................3
3.2
Short Circuit Protection.....................................................................3
3.3
Over Power Protection......................................................................4
3.4
No Load operation.............................................................................4
4. Environment Temperature......................................................................4
5. Reliability..................................................................................................4
6. Agency approvals....................................................................................4
7. EMI/RFI......................................................................................................4
8. Instructions...............................................................................................4
9. HOT-SWAP Procedures............................................................................5
10. Dimension..................................................................................................5
11. PINOUTS of connectors............................................................................7
Color Reference for LED cable.................................................................7
Main Power Connector..............................................................................7


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn