Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-400R2UH Datasheet(Fiches technique) 4 Page - List of Unclassifed Manufacturers

Numéro de pièce TC-400R2UH
Description  1U Redundant Power Supply
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-400R2UH Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TC-400R2UH Datenblatt HTML 1Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 2Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 3Page - List of Unclassifed Manufacturers TC-400R2UH Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 5Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 6Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 7Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3.3 OVER POWER PROTECTION
The power supply shall shut down when output power exceeds 130﹪to 160﹪
of full load and require a power on cycle be performed by the operate.
3.4 NO LOAD OPERATION
No parts shall be damaged on the power supply.
4. ENVIRONMENT TEMPERATURE
4.1 Operation Temperature: 0℃ to 40℃
4.2 Cooling: By forced air
4.3 Storage Temperature:-20℃ to 70℃
4.4 Humidity: 5 to 90﹪non-condensing.
5. RELIABILITY
5.1 MTBF OF POWER SUPPLY ELECTRONIS
100,000 hours at full load and 25℃ ambient temperature
5.2 LIFE EXPECTANCY OF FAN
40,000 hours at 40℃
6. AGENCY APPROVALS
UL 60950-1, 2
nd Edition
TUV ( EN60950-1: 2006+A11+A1+A12)
IEC 60950-1: 2005+A1
C-Tick AS/NS CISPR 22: 2006 (Class A) / CISPR 22: 2008 (Ed 6.0)
BSMI CNS14336-1, CNS13438
7. EMI /RFI
FCC part 15, Class A (Verification) IC ICES-003
EN55022 : 2006+A1: 2007 (Class A)
EN55024 : 1998+A1: 2001+A2: 2003
EN61000-3-2: 2006
EN61000-3-2: 2008
IEC61000-4-2, -3, -4, -5, -6, -8, -11
8. INSTRUCTIONS
The set still works properly even if either unit is removed. The removed unit can’t
be used in other machinery nor for other purpose. When one unit breaks down,
it’s LED will blink, buzzer will sound. Push the Reset button and buzzer will stop.
REDUNDANCY
Offer redundant function for power system and mutually backs
up the outputs. A zero transfer time when backup takes place.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn