Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-400R2UH Datasheet(Fiches technique) 3 Page - List of Unclassifed Manufacturers

Numéro de pièce TC-400R2UH
Description  1U Redundant Power Supply
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-400R2UH Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TC-400R2UH Datenblatt HTML 1Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 2Page - List of Unclassifed Manufacturers TC-400R2UH Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 4Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 5Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 6Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 7Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2.3 PS-ON
Remote On/Off Control:
When PS-ON is pulled to TTL Low, the DC output is to be enabled.
When PS-OFF is pulled to TTL high, the DC output is to be disabled.
2.4 PW-OK
PW-OK is power good signal and should be asserted high by the power
supply to indicate that +5VDC and +3.3VDC output are above the under
voltage thresholds of the power supply TTL. compatible signal out with
100ms to 500ms.
Timing of PS-ON, PW-OK, and Germane Voltage Rails
Although there is no requirement to meet specific timing parameters,
The following signal timings are recommended:
2ms≦T2≦200ms
100ms≦T3≦500ms
T4>1ms
T5≦10ms
2.5 Efficiency: ≧ 73﹪at full load. (Normal Line)
2.6 Hold-Up Time: 16ms at maximum load & normal input voltage.
3. PROTECTIONS
3.1 OVER-VOLTAGE PROTECTION
Standard on +5.0V output, set at 6.25VDC ± 075VDC.
3.2 SHORT CIRCUIT PROTECTION
A short circuit placed between the DC Return and the output shall cause
No damage and the power supply shall shutdown.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn