Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-400R2UH Datasheet(Fiches technique) 2 Page - List of Unclassifed Manufacturers

Numéro de pièce TC-400R2UH
Description  1U Redundant Power Supply
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-400R2UH Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TC-400R2UH Datenblatt HTML 1Page - List of Unclassifed Manufacturers TC-400R2UH Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 3Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 4Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 5Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 6Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 7Page - List of Unclassifed Manufacturers TC-400R2UH Datenblatt HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1. Introduction
The 400R2UH Series products of Hot-Swap & Power Sharing redundant
Power supply provides increased reliability when integrated a variety of
Systems. The 400R2UH series is ideally suited to telecommunications and
Industrial system, as well as a variety of other applications where system
Never shut down i. E. Zero down time.
400R2UH series redundant power supply, it consists of
* One of passive Back plane.
* One of exothermal enclosure.
* Two of compact size power modules with Hot-Pluggable connector
* Screw package.
* Alarm reset bottom.
◎Features
* 1U Size design.
* Hot-Swappable & Power Sharing capability.
* Full Range AC input.
* Active PFC meet
2. Specification
2.1 AC Input Voltage: 100 to 240VAC, Frequency: 47Hz~63 Hz.
2.2 DC Output: 400W maximum
VOLTAGE
+5V
+12V
+3.3V
-12V
-5V
+5Vsb
MAX. LOAD
25A
28A
25A
0.8A
0.5A
2A
MIN. LOAD
3A
2A
0.3A
0.1A
0.1A
0.1A
REGULATION
± 5%
± 5%
± 5%
±10%
±10%
± 5%
RIPPLE(mV)
50
120
50
120
100
50
Note:
1. The combined total power from +5V and +3.3V shall not exceed 40A.
The combined total power from +5V and +3.3V & +12V shall not exceed
378W
2. Noise Test
– Noise bandwidth is from DC to 20 MHz.
3.Ripple frequencies greater than 1MHz shall be attenuated by the
measurement System.
4.Add 0.1uF/10uF capacitor at output connector terminals for ripple and noise
measurements.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn