Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-400R2U Datasheet(Fiches technique) 1 Page - List of Unclassifed Manufacturers

Numéro de pièce TC-400R2U
Description  2U/3U Redundant Power Supply
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-400R2U Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TC-400R2U Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-400R2U Datenblatt HTML 2Page - List of Unclassifed Manufacturers TC-400R2U Datenblatt HTML 3Page - List of Unclassifed Manufacturers TC-400R2U Datenblatt HTML 4Page - List of Unclassifed Manufacturers TC-400R2U Datenblatt HTML 5Page - List of Unclassifed Manufacturers TC-400R2U Datenblatt HTML 6Page - List of Unclassifed Manufacturers TC-400R2U Datenblatt HTML 7Page - List of Unclassifed Manufacturers TC-400R2U Datenblatt HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SURE STAR COMPUTER CO., LTD
NO.2-1,DAAN ROAD, SHULIN .DIST., NEW TAIPEI CITY 238 , TAIWAN.
E-mail: info@surestar.com.tw
Tel : +886 2 2682 2 505
http: //www.surestar.com.tw
Fax: +886 2 2682 2515
2U/3U Redundant Power Supply
400W+400W for IPC-Computer
Model No.: TC-400R2U
Revision: A1
Table of content
1. Introduction...........................................................................................2
2. Specification
2.1
Input Voltage...................................................................................2
2.2
DC Output.......................................................................................2
2.3
PS-ON (Remote ON/OFF)..............................................................3
2.4
PW-OK(power good signal)............................................................3
2.5
Efficiency........................................................................................3
2.6
Hold-Up Time.................................................................................3
3. PROTECTION
3.1
Over Voltage protection..................................................................3
3.2
Short Circuit Protection..................................................................3
3.3
Over Power Protection....................................................................3
3.4
No Load operation...........................................................................4
4. Environment Temperature....................................................................4
5. Reliability................................................................................................4
6. Agency approvals...................................................................................4
7. EMI/RFI...................................................................................................4
8. Instructions.............................................................................................4
9. HOT-SWAP Procedures.........................................................................5
10. Dimension………………......................................................................5
11.PINOUTS of connectors. .....................................................................6
*Color Reference for LED cable.........................................................6
*Main Power Connector.......................................................................6


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn