Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC-2U35 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce TC-2U35
Description  AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-2U35 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  TC-2U35 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-2U35 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-2U35 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-2U35 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-2U35 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Timing of PS-ON, PW-OK, and Germane Voltage Rails
Although there is no requirement to meet specific timing parameters,
The following signal timings are recommended:
2ms
T2
200ms
100ms
T3
500ms
T4>1ms
T5
10ms
1.5 Efficiency: ≧ 70﹪at full load.(Normal Line)
1.6 Hold-Up Time: 16ms at maximum load & normal input voltage.
2. PROTECTIONS
2.1 OVER-VOLTAGE PROTECTION
Standard on +5.0V output, set at 6.25VDC ± 075VDC.
2.2 SHORT CIRCUIT PROTECTION
A short circuit placed between the DC Return and the output shall cause
No damage and the power supply shall shutdown.
2.3 OVER POWER PROTECTION
The power supply shall shut down when output power exceeds 130﹪to 160﹪
of full load and require a power on cycle be performed by the operate
2.4 NO LOAD OPERATION
No parts shall be damaged on the power supply.
3. ENVIRONMENT TEMPERATURE
3.1 Operation Temperature: 0℃ to 50℃
3.2 Cooling: By forced air
3.3 Storage Temperature:-20℃ to 70℃
3.4 Humidity: 5 to 90﹪non-condensing.


Numéro de pièce similaire - TC-2U35

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TC-2U40 ETC2-TC-2U40 Datasheet
165Kb / 5P
   AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
More results

Description similaire - TC-2U35

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TC-2U40 ETC2-TC-2U40 Datasheet
165Kb / 5P
   AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
logo
Total Power Internation...
TPSBU-60 TOTAL-POWER-TPSBU-60 Datasheet
302Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-61 TOTAL-POWER-TPSBU-61 Datasheet
270Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-58 TOTAL-POWER-TPSBU-58 Datasheet
251Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
logo
ETAL Group
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
   Wide range voltage input from AC 90 to 264 V
logo
Total Power Internation...
TPIBU-41 TOTAL-POWER-TPIBU-41 Datasheet
354Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-31 TOTAL-POWER-TPSBU-31 Datasheet
288Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-41 TOTAL-POWER-TPSBU-41 Datasheet
261Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
logo
Bel Fuse Inc.
PEC1600-12-074XA BEL-PEC1600-12-074XA Datasheet
694Kb / 13P
   Input Voltage Range 90 ??264 VAC / 180 ??300 VDC
logo
List of Unclassifed Man...
TC-550PA ETC2-TC-550PA Datasheet
159Kb / 4P
   AC Input Voltage: 90~264V (Active PFC) Frequency: 47 to 63 Hz..
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com