Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS-2U70EL Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce SS-2U70EL
Description  700W power supply for 2U Single Efficiency??6%
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SS-2U70EL Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  SS-2U70EL Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-2U70EL Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-2U70EL Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-2U70EL Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-2U70EL Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-2U70EL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Below cable length start from Outer cage:
P24
14
16
15
17
13
18
19
21
20
22
23
24
1
2
4
3
5
9
7
8
6
11
12
10
ORANGE(+3.3V)
RED(+5V)
Pin
No.
WIRE
COLOR
Pin
No.
GRAY(PG)
PURPLE(+5VSB)
NC
BLUE(-12V)
YELLOW(+12V)
GREEN(PS-ON)
WIRE
COLOR
BLACK(GND)
420mm/18AWG
420mm/22AWG
420mm/18AWG
420mm/20AWG
420mm/20AWG
420mm/18AWG
LENGTH
LENGTH
Housing
420mm/18AWG
420mm/18AWG
ORANGE(+3.3V)
ORANGE(+3.3V)
ORANGE(+3.3Vs)
BLACK(GND)
BLACK(GND)
RED(+5V)
YELLOW(+12V)
ORANGE(+3.3V)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
RED(+5V)
RED(+5V)
RED(+5V)
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
Connector HOUSING: MOLEX 39-01-2240 or equivalent
24Pins(EPS12V)
TERMINAL: MOLEX 39-00-0039 or equivalent
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
L=420mm±20mm
PIN13
PIN1
PIN12
PIN24
P24
Connector HOUSING: MOLEX 39-01-0240 or equivalent
L=440mm±20mm
L=150mm±10mm
Pin5
Pin1
Pin4
Pin8
PIN3
PIN1
PIN2
PIN4
PA
PB
8Pins(EPS12V)X1
Pin
1
2
3
4
2
1
Housing
PA
PB
440mm/18AWG
Connector HOUSING: MOLEX 39-01-0280 or equivalent
LENGTH
150mm/18AWG
150mm/18AWG
Pin
5
6
7
8
LENGTH
Black/Black
4
3
WIRE
COLOR
WIRE
COLOR
Black/Black
Black
Black
Black
Black
Yellow/Yellow
Yellow/Yellow
Yellow
Yellow
Yellow
Yellow
440mm/18AWG
150mm/18AWG
150mm/18AWG


Numéro de pièce similaire - SS-2U70EL

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U50ES ETC2-SS-2U50ES Datasheet
225Kb / 6P
   500W power supply for 2U Single Efficiency:87.25%
SS-2U60EL ETC2-SS-2U60EL Datasheet
228Kb / 6P
   600W power supply for 2U Single Efficiency:87.45%
More results

Description similaire - SS-2U70EL

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U50ES ETC2-SS-2U50ES Datasheet
225Kb / 6P
   500W power supply for 2U Single Efficiency:87.25%
SS-2U60EL ETC2-SS-2U60EL Datasheet
228Kb / 6P
   600W power supply for 2U Single Efficiency:87.45%
R2A-700D1V2 ETC2-R2A-700D1V2 Datasheet
321Kb / 12P
   700W700W Redundant Power Supply.
SS-1U46ES ETC2-SS-1U46ES Datasheet
201Kb / 6P
   460W power supply for 1U Single Efficiency??6%
R4B-700G1V2 ETC2-R4B-700G1V2 Datasheet
330Kb / 13P
   700W700W Mini Redundant Power Supply
M1D-700D1 ETC2-M1D-700D1 Datasheet
274Kb / 11P
   700W Power Supply for 1U Easy Swap
logo
Advantech Co., Ltd.
PS8-700ATX-ZE ADVANTECH-PS8-700ATX-ZE Datasheet
1Mb / 1P
    80 Plus Bronze 700W PS/2 Single Power Supply
96PS-A400W2U ADVANTECH-96PS-A400W2U Datasheet
335Kb / 2P
   2U Power Supply
30-July-2014
96PS-A300W2U ADVANTECH-96PS-A300W2U Datasheet
300Kb / 2P
   2U Power Supply
29-July-2014
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com