Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS-2U70EL Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce SS-2U70EL
Description  700W power supply for 2U Single Efficiency??6%
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SS-2U70EL Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  SS-2U70EL Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-2U70EL Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-2U70EL Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-2U70EL Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-2U70EL Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-2U70EL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2. PROTECTIONS
2.1 OVER-VOLTAGE PROTECTION
OUTPUT
Min
Max
+3.3V
3.7V
4.1V
+5V
5.7V
6.5V
+12V
13.1V
14.5V
2.2 SHORT CIRCUIT PROTECTION
A short circuit placed between the DC Return and the output shall cause
No damage and the power supply shall shutdown.
2.3 OVER POWER PROTECTION
The power supply shall shut down when output power exceeds 110﹪to 160﹪
of full load and require a power on cycle be performed by the operate
3. ENVIRONMENT TEMPERATURE
3.1 Operation Temperature: 0℃ to 45℃
3.2 Cooling: By forced air
3.3 Storage Temperature:-20℃ to 70℃
3.4 Humidity: 5 to 90﹪non-condensing.
4. Mean Time Between Failure(MTBF)
Using MIL - HDBK -217F the calculated MTBF=100,000 hours at 25
75% loading.
5. SAFETY:
UL 60950-1, 2
ND Edition, CSA C 22.2 No. 60950-1-07, 2nd Edition, 2007-03
TUV EN60950-1: 2006+A11+A1+A12
CB IEC60950-1: 2005
BSMI CNS14336-1, CNS13438
CCC 4943.1-2011
6. EMI NOISE FILTER:
EN55022:2006+A1:2007, EN55024:1998+A1:2001+A2:2003
EN61000-3-2: 2006+A2:2009 EN61000-.3-3: 2008, IEC61000-4-2,-3,-4,-5,-6,-8,-11


Numéro de pièce similaire - SS-2U70EL

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U50ES ETC2-SS-2U50ES Datasheet
225Kb / 6P
   500W power supply for 2U Single Efficiency:87.25%
SS-2U60EL ETC2-SS-2U60EL Datasheet
228Kb / 6P
   600W power supply for 2U Single Efficiency:87.45%
More results

Description similaire - SS-2U70EL

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U50ES ETC2-SS-2U50ES Datasheet
225Kb / 6P
   500W power supply for 2U Single Efficiency:87.25%
SS-2U60EL ETC2-SS-2U60EL Datasheet
228Kb / 6P
   600W power supply for 2U Single Efficiency:87.45%
R2A-700D1V2 ETC2-R2A-700D1V2 Datasheet
321Kb / 12P
   700W700W Redundant Power Supply.
SS-1U46ES ETC2-SS-1U46ES Datasheet
201Kb / 6P
   460W power supply for 1U Single Efficiency??6%
R4B-700G1V2 ETC2-R4B-700G1V2 Datasheet
330Kb / 13P
   700W700W Mini Redundant Power Supply
M1D-700D1 ETC2-M1D-700D1 Datasheet
274Kb / 11P
   700W Power Supply for 1U Easy Swap
logo
Advantech Co., Ltd.
PS8-700ATX-ZE ADVANTECH-PS8-700ATX-ZE Datasheet
1Mb / 1P
    80 Plus Bronze 700W PS/2 Single Power Supply
96PS-A400W2U ADVANTECH-96PS-A400W2U Datasheet
335Kb / 2P
   2U Power Supply
30-July-2014
96PS-A300W2U ADVANTECH-96PS-A300W2U Datasheet
300Kb / 2P
   2U Power Supply
29-July-2014
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com