Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM1316-D Fiches technique(PDF) 2 Page - AUK corp

No de pièce SM1316-D
Description  Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

SM1316-D Fiches technique(HTML) 2 Page - AUK corp

  SM1316-D Datasheet HTML 1Page - AUK corp SM1316-D Datasheet HTML 2Page - AUK corp SM1316-D Datasheet HTML 3Page - AUK corp SM1316-D Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KLM-4000-000
2
SM1316-D
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Power Dissipation
PD
70
mW
Forward Current
IF
25
mA
*1Peak Forward Current
IFP
50
mA
Reverse Voltage
VR
4
V
Operating Temperature
Topr
-25∼80
Storage Temperature
Tstg
-30∼100
*2Soldering Temperature
Tsol
240℃ for 5 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Recommended soldering Temperature Profile (Reflow Soldering)
Preheating
area
120
Temp()
220℃
Solder area
max. 50sec
1~ 4℃/sec
-2~ -6℃/sec
1~4℃/sec
Peak time max 10sec
Peak Temp max
240℃
140~ 160℃
Time(sec)
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min
Typ Max Unit
Forward Voltage
VF
IF= 10mA
-
2.0
2.6
V
*4Luminous Intensity
IV
IF= 10mA
6.6
15
27
mcd
*5Peak Wavelength
λP
IF= 10mA
-
572
-
nm
Spectrum Bandwidth
Δ λ
IF= 10mA
-
30
-
nm
Reverse Current
IR
VR=4V
-
-
10
uA
X
-
±65
-
*3Half angle
θ1/2
Y
IF= 10mA
-
±70
-
deg
*3.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
*4. Luminous Intensity Maximum tolerance for each Grade Classification limit is ±18%
*4. Luminous Intensity classification
FG
H
6.6~10
10~17
17~27
*5. Peak Wavelength Maximum tolerance for each Grade Classification limit is ±1nm
*5. Peak Wavelength classification
a
b
c
569~572 573~575 576~578


Numéro de pièce similaire - SM1316-D

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
SM1316-D AUK-SM1316-D Datasheet
201Kb / 5P
   Chip LED
logo
KODENSHI_AUK CORP.
SM1316-D KODENSHI-SM1316-D Datasheet
193Kb / 4P
   CHip LED
logo
AUK corp
SM1316-D AUK-SM1316-D_1 Datasheet
201Kb / 5P
   Chip LED
More results

Description similaire - SM1316-D

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
SM1316 AUK-SM1316 Datasheet
180Kb / 3P
   Chip LED Lamp
SO1316 AUK-SO1316 Datasheet
295Kb / 4P
   Chip LED Lamp
logo
KODENSHI_AUK CORP.
SG1316 KODENSHI-SG1316 Datasheet
189Kb / 4P
   Chip LED Lamp
logo
AUK corp
SB1314-V AUK-SB1314-V Datasheet
267Kb / 4P
   Chip LED Lamp
SB1314E-V AUK-SB1314E-V Datasheet
229Kb / 4P
   Chip LED Lamp
SW1314E-V AUK-SW1314E-V Datasheet
267Kb / 6P
   Chip LED Lamp
SB1316 AUK-SB1316 Datasheet
79Kb / 3P
   Chip LED Lamp
SY1316 AUK-SY1316 Datasheet
237Kb / 4P
   Chip LED Lamp
SPG1316-H AUK-SPG1316-H Datasheet
289Kb / 4P
   Chip LED Lamp
SM1316-L AUK-SM1316-L Datasheet
270Kb / 4P
   Chip LED Lamp
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com