Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMSF5N02HDR2 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MMSF5N02HDR2
Description  N-Channel SO-8 Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF5N02HDR2 Fiches technique(HTML) 4 Page - ON Semiconductor

  MMSF5N02HDR2 Datasheet HTML 1Page - ON Semiconductor MMSF5N02HDR2 Datasheet HTML 2Page - ON Semiconductor MMSF5N02HDR2 Datasheet HTML 3Page - ON Semiconductor MMSF5N02HDR2 Datasheet HTML 4Page - ON Semiconductor MMSF5N02HDR2 Datasheet HTML 5Page - ON Semiconductor MMSF5N02HDR2 Datasheet HTML 6Page - ON Semiconductor MMSF5N02HDR2 Datasheet HTML 7Page - ON Semiconductor MMSF5N02HDR2 Datasheet HTML 8Page - ON Semiconductor MMSF5N02HDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MMSF5N02HD
http://onsemi.com
4
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted
by recognizing that the power MOSFET is charge
controlled. The lengths of various switching intervals (Δt)
are determined by how fast the FET input capacitance can
be charged by current from the generator.
The published capacitance data is difficult to use for
calculating rise and fall because drain−gate capacitance
varies greatly with applied voltage. Accordingly, gate
charge data is used. In most cases, a satisfactory estimate of
average input current (IG(AV)) can be made from a
rudimentary analysis of the drive circuit so that
t = Q/IG(AV)
During the rise and fall time interval when switching a
resistive load, VGS remains virtually constant at a level
known as the plateau voltage, VSGP. Therefore, rise and fall
times may be approximated by the following:
tr = Q2 x RG/(VGG − VGSP)
tf = Q2 x RG/VGSP
where
VGG = the gate drive voltage, which varies from zero to VGG
RG = the gate drive resistance
and Q2 and VGSP are read from the gate charge curve.
During the turn−on and turn−off delay times, gate current is
not constant. The simplest calculation uses appropriate
values from the capacitance curves in a standard equation for
voltage change in an RC network. The equations are:
td(on) = RG Ciss In [VGG/(VGG − VGSP)]
td(off) = RG Ciss In (VGG/VGSP)
The capacitance (Ciss) is read from the capacitance curve at
a voltage corresponding to the off−state condition when
calculating td(on) and is read at a voltage corresponding to the
on−state when calculating td(off).
At high switching speeds, parasitic circuit elements
complicate the analysis. The inductance of the MOSFET
source lead, inside the package and in the circuit wiring
which is common to both the drain and gate current paths,
produces a voltage at the source which reduces the gate drive
current. The voltage is determined by Ldi/dt, but since di/dt
is a function of drain current, the mathematical solution is
complex. The MOSFET output capacitance also
complicates the mathematics. And finally, MOSFETs have
finite internal gate resistance which effectively adds to the
resistance of the driving source, but the internal resistance
is difficult to measure and, consequently, is not specified.
The resistive switching time variation versus gate
resistance (Figure 9) shows how typical switching
performance is affected by the parasitic circuit elements. If
the parasitics were not present, the slope of the curves would
maintain a value of unity regardless of the switching speed.
The circuit used to obtain the data is constructed to minimize
common inductance in the drain and gate circuit loops and
is believed readily achievable with board mounted
components. Most power electronic loads are inductive; the
data in the figure is taken with a resistive load, which
approximates an optimally snubbed inductive load. Power
MOSFETs may be safely operated into an inductive load;
however, snubbing reduces switching losses.
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (Volts)
1500
2000
2500
3500
Figure 7. Capacitance Variation
3000
10
0
101520
VGS
VDS
55
TJ = 25°C
Ciss
Coss
Crss
1000
500
VDS = 0 V
VGS = 0 V
Ciss
Crss
0


Numéro de pièce similaire - MMSF5N02HDR2

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MMSF5N02HD MOTOROLA-MMSF5N02HD Datasheet
293Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
More results

Description similaire - MMSF5N02HDR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MMDFS6N303 ONSEMI-MMDFS6N303 Datasheet
252Kb / 11P
   N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
MMDF4P03HD ONSEMI-MMDF4P03HD Datasheet
207Kb / 8P
   P-channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
NTMS4816N ONSEMI-NTMS4816N Datasheet
94Kb / 5P
   Power MOSFET 30 V, 11 A, N-Channel, SO-8
December, 2007 - Rev. 0
logo
STMicroelectronics
STS3DNE60L STMICROELECTRONICS-STS3DNE60L Datasheet
71Kb / 5P
   N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET
logo
ON Semiconductor
NTMFS4821N ONSEMI-NTMFS4821N_12 Datasheet
146Kb / 7P
   Power MOSFET 30V 58.5A Single N-channel, SO-8 FL
May, 2012 ??Rev. 4
logo
STMicroelectronics
STS10NF30L STMICROELECTRONICS-STS10NF30L Datasheet
44Kb / 6P
   N - CHANNEL 30V - 0.011ohm - 10A SO-8 STripFET POWER MOSFET
STS2DNE60 STMICROELECTRONICS-STS2DNE60 Datasheet
70Kb / 5P
   N - CHANNEL 60V - 0.180ohm - 2A SO-8 STripFET POWER MOSFET
STS5NF60L STMICROELECTRONICS-STS5NF60L Datasheet
68Kb / 5P
   N - CHANNEL 60V - 0.045ohm - 5A SO-8 STripFET POWER MOSFET
STS7NF30L STMICROELECTRONICS-STS7NF30L Datasheet
72Kb / 5P
   N - CHANNEL 30V - 0.021ohm - 7A SO-8 STripFET POWER MOSFET
logo
ON Semiconductor
NTMS4807N ONSEMI-NTMS4807N Datasheet
93Kb / 5P
   Power MOSFET 30 V, 14.8 A, N-Channel, SO-8
December, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com