Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FW389 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce FW389
Description  Complementary Dual Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FW389 Fiches technique(HTML) 2 Page - ON Semiconductor

  FW389 Datasheet HTML 1Page - ON Semiconductor FW389 Datasheet HTML 2Page - ON Semiconductor FW389 Datasheet HTML 3Page - ON Semiconductor FW389 Datasheet HTML 4Page - ON Semiconductor FW389 Datasheet HTML 5Page - ON Semiconductor FW389 Datasheet HTML 6Page - ON Semiconductor FW389 Datasheet HTML 7Page - ON Semiconductor FW389 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FW389
No. A2066-2/8
Continued from preceding page
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
N-channel]
Total Gate Charge
Qg
VDS=50V, VGS=10V, ID=2A
10
nC
Gate-to-Source Charge
Qgs
1.4
nC
Gate-to-Drain “Miller” Charge
Qgd
2.1
nC
Diode Forward Voltage
VSD
IS=2A, VGS=0V
0.78
1.2
V
Gata Resistance
Rg
VDS=0V, VGS=0V, f=1MHz
0
12
[P-channel]
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--100
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--100V, VGS=0V
--1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.2
--2.6
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--2A
4.7
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--2A, VGS=--10V
230
300
mΩ
RDS(on)2
ID=--1A, VGS=--4.5V
240
336
mΩ
RDS(on)3
ID=--1A, VGS=--4V
250
355
mΩ
Input Capacitance
Ciss
VDS=--20V, f=1MHz
1000
pF
Output Capacitance
Coss
77
pF
Reverse Transfer Capacitance
Crss
47
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
12
ns
Rise Time
tr
16
ns
Turn-OFF Delay Time
td(off)
110
ns
Fall Time
tf
40
ns
Total Gate Charge
Qg
VDS=--50V, VGS=--10V, ID=--2A
21
nC
Gate-to-Source Charge
Qgs
2.8
nC
Gate-to-Drain “Miller” Charge
Qgd
4.4
nC
Diode Forward Voltage
VSD
IS=--2A, VGS=0V
--0.79
--1.2
V
Gata Resistance
Rg
VDS=0V, VGS=0V, f=1MHz
0
50
Fig.1 Unclamped Inductive Switching Test Circuit
[N-channel]
[P-channel]
50Ω
10V
0V
VDD
L
FW389
D
S
G
≥50Ω
RG
50
0V
--10V
≥50Ω
RG
VDD
L
FW389
D
G
S


Numéro de pièce similaire - FW389

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FW30 ETC1-FW30 Datasheet
56Kb / 1P
   30 Watt AC Adapter
logo
Lineage Power Corporati...
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
logo
List of Unclassifed Man...
FW3012-760-NC ETC1-FW3012-760-NC Datasheet
56Kb / 1P
   30 Watt AC Adapter
FW3015-760-NC ETC1-FW3015-760-NC Datasheet
56Kb / 1P
   30 Watt AC Adapter
More results

Description similaire - FW389

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MCH6660 ONSEMI-MCH6660 Datasheet
769Kb / 8P
   Complementary Dual Power MOSFET
December 2014 - Rev. 2
ECH8661 ONSEMI-ECH8661 Datasheet
417Kb / 9P
   Complementary Dual Power MOSFET
July, 2013
FW4604 ONSEMI-FW4604 Datasheet
147Kb / 7P
   Complementary Dual Power MOSFET
August, 2013
ECH8668 ONSEMI-ECH8668 Datasheet
383Kb / 8P
   Power MOSFET Complementary Dual
July, 2013
MMDF4C03HD ONSEMI-MMDF4C03HD Datasheet
368Kb / 16P
   Complementary SO??, Dual Power MOSFET
June, 2004 ??Rev. XXX
MMDF2C01HD ONSEMI-MMDF2C01HD Datasheet
349Kb / 16P
   Complementary SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
CPH6635 ONSEMI-CPH6635 Datasheet
412Kb / 8P
   Complementary Dual CPH6 Power MOSFET
June, 2013
logo
Alpha & Omega Semicondu...
AOD661 AOSMD-AOD661 Datasheet
554Kb / 11P
   30V Dual Complementary MOSFET
AOND32324 AOSMD-AOND32324 Datasheet
539Kb / 11P
   30V Dual Complementary MOSFET
Rev.1.0: Octomber 2017
logo
List of Unclassifed Man...
TPD2125 ETC1-TPD2125 Datasheet
41Kb / 1P
   DUAL COMPLEMENTARY MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com