Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ661 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce 2SJ661
Description  P-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SJ661 Fiches technique(HTML) 3 Page - ON Semiconductor

  2SJ661 Datasheet HTML 1Page - ON Semiconductor 2SJ661 Datasheet HTML 2Page - ON Semiconductor 2SJ661 Datasheet HTML 3Page - ON Semiconductor 2SJ661 Datasheet HTML 4Page - ON Semiconductor 2SJ661 Datasheet HTML 5Page - ON Semiconductor 2SJ661 Datasheet HTML 6Page - ON Semiconductor 2SJ661 Datasheet HTML 7Page - ON Semiconductor 2SJ661 Datasheet HTML 8Page - ON Semiconductor 2SJ661 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SJ661
No.8586-3/9
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
--10
--20
--30
--40
--50
--60
--70
--80
--10
--20
--30
--40
--50
--60
--70
--80
0
0
--0.5 --1.0 --1.5 --2.0 --2.5 --3.0 --3.5 --4.0 --4.5 --5.0
IT08748
IT08749
0
--0.5 --1.0 --1.5 --2.0 --2.5 --3.0 --3.5 --4.0 --4.5 --5.0
0
VGS= --3V
--4V
Tc=25
°C
25
°C
VDS= --10V
RDS(on) -- VGS
RDS(on) -- Tc
Ciss, Coss, Crss -- VDS
IS -- VSD
SW Time -- ID
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
100
3
1000
7
5
3
10000
7
5
2
2
10
20
30
40
50
60
70
--0.1
23
5 7 --1.0
23
5 7 --10
23
5 7 --100
0
10
20
30
40
50
60
70
0
10
2
3
100
7
5
3
1000
7
5
2
--50
--25
0
25
50
75
100
125
150
--2
--3
--4
--5
--6
--7
--8
--9
--10
IT08750
IT08751
0
--30
--10
--15
--20
--25
--5
IT08755
IT08753
IT08752
ID= --19A
Tc=75
°C
25°C
--25
°C
ID=
--19A,
VGS
= --4V
ID=
--19A,
VGS
= --10V
f=1MHz
Coss
Ciss
Crss
IT08754
td(off)
t f
td(on)
tr
VDD= --30V
VGS= --10V
1.0
3
2
10
7
5
3
100
7
5
2
--1.5
--1.2
--0.6
--0.3
--0.9
0
--0.01
--0.1
5
7
3
2
--1.0
5
7
3
2
--10
5
7
3
2
--100
5
7
3
2
--1.0
--10
23
5 7
--0.1
23
5 7
--100
23
5 7
Tc=
--25
°C
75
°C
25
°C
VDS= --10V
VGS=0V
| yfs | -- I
D


Numéro de pièce similaire - 2SJ661

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SJ661 SANYO-2SJ661 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ661 SANYO-2SJ661 Datasheet
481Kb / 9P
   General-Purpose Switching Device Applications
2SJ661 SANYO-2SJ661_12 Datasheet
481Kb / 9P
   General-Purpose Switching Device Applications
More results

Description similaire - 2SJ661

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com