Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM8230A Fiches technique(PDF) 1 Page - Nippon Precision Circuits Inc

No de pièce SM8230A
Description  Tone Dialer with Built-in Piezo Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8230A Fiches technique(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8230A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SM8230A
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
OVERVIEW
The SM8230A is a dual-tone signal generator LSI
developed for DTMF (dual tone multi-frequency)
dialing. It features a built-in piezo-electric speaker
driver for direct connection to a piezo-electric
buzzer.
The DTMF frequencies can be set to correspond to
the DTMF standards of any country. The output level
is also adjustable under software control. These
features, combined with its small package and low
power dissipation, make the SM8230A a very use
device to use.
FEATURES
s
3-line serial interface to external CPU
s
2 independent, adjustable frequency outputs
s
Piezo driver for direct connection to a piezo-
electric buzzer
s
4 system clock frequencies selectable (480 kHz,
960 kHz, 1.92 MHz, 3.84 MHz)
s
2.6 to 3.3 V supply voltage
s
Low current consumption
• 3.0 mA (max) operating current
• 1 µA (max) standby current
s
8-pin plastic SOP
PINOUT
PACKAGE DIMENSIONS
VDD
5
4
8
1
BZH
BZL
CLK
SD
SCL
OE
VSS
0.4 0.1
1.27
0.4 0.2
010
5.2 0.3
0.15
+ 0.10
− 0.05
Tone Dialer with Built-in Piezo Driver


Numéro de pièce similaire - SM8230A

FabricantNo de pièceFiches techniqueDescription
logo
NEC
SM8230A NEC-SM8230A Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
SM8230AS NEC-SM8230AS Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
SM8230A NEC-SM8230A_06 Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
More results

Description similaire - SM8230A

FabricantNo de pièceFiches techniqueDescription
logo
NEC
SM8230A NEC-SM8230A_06 Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
logo
List of Unclassifed Man...
NT95089 ETC-NT95089 Datasheet
309Kb / 11P
   Tone Dialer
HM9187 ETC1-HM9187 Datasheet
76Kb / 1P
   TONE DIALER
logo
UMC Corporation
UM9559E UMC-UM9559E Datasheet
615Kb / 7P
   TONE DIALER
logo
List of Unclassifed Man...
UM95080 ETC-UM95080 Datasheet
91Kb / 1P
   ONE KEY DIALER TONE DIALER
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
logo
UMC Corporation
UM91210C UMC-UM91210C Datasheet
877Kb / 14P
   TONE/PULSE DIALER
logo
List of Unclassifed Man...
NT91214 ETC1-NT91214 Datasheet
212Kb / 23P
   Tone/Pulse Dialer
logo
Holtek Semiconductor In...
HT9201A HOLTEK-HT9201A Datasheet
396Kb / 7P
   Simple Tone Dialer
logo
Sharp Corporation
LR4087B SHARP-LR4087B Datasheet
433Kb / 7P
   TONE DIALER LSI
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com