Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1090VFL Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce SS1090VFL
Description  LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1090VFL Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  SS1090VFL Datasheet HTML 1Page - Pan Jit International Inc. SS1090VFL Datasheet HTML 2Page - Pan Jit International Inc. SS1090VFL Datasheet HTML 3Page - Pan Jit International Inc. SS1090VFL Datasheet HTML 4Page - Pan Jit International Inc. SS1090VFL Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
November 24,2011-REV.00
SS1090VFL
FEATURES
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
• Low power loss, high efficiency
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE
90 Volt
1 Ampere
CURRENT
MECHANICAL DATA
• Case: SOD-123FL, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0006 ounces, 0.0173 grams
• Polarity:Color band denotes cathode end
• Marking: RD
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
NOTES:
1.Mounted on 48cm2 FR-4 PCB
ABSOLUTE MAXIMUM RATINGS (TA=25
oC unless otherwise noted)
PAR AME T E R
S YMB OL
VAL U E
U N IT S
Reverse Voltage
V
R
90
V
Peak Reverse Voltage
V
RRM
90
V
Average Rectified Current
I
O
1A
Peak Forward Surge Current:8.3ms single half sine-wave
superi mposed on rated load(JEDEC method)
I
FSM
50
A
Typical Thermal Resistance, Junction to Ambient (Note 1)
R
ΘJA
180
O
C/W
Operating Junction Temperature and Storage Temperature Range
T
J,TSTG
-55 to +150
O
C
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Reverse Breakdown Voltage
V(BR)
IR=1mA
90
-
-
V
Reverse Current
I R
VR=90 V-
-
100
μA
Forward Voltage
VF
IF=1.0A
-
0.68
0.73
V
Typical Junction Capacitance
CJ
VR=0V, f=1.0MHZ
-
203
-
pF
1
2
C athode
An od e
0.115(2.90)
0.106(2.70)
0.043(1.08)
0.038(0.98)
0.145(3.70)
0.137(3.50)
0.030(0.75)
0.017(0.45)


Numéro de pièce similaire - SS1090VFL

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SS1090VFL PANJIT-SS1090VFL_16 Datasheet
287Kb / 5P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS1090VFL_R1_00001 PANJIT-SS1090VFL_R1_00001 Datasheet
287Kb / 5P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS1090VFL_R2_00001 PANJIT-SS1090VFL_R2_00001 Datasheet
287Kb / 5P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Description similaire - SS1090VFL

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
SL22 TRSYS-SL22 Datasheet
164Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SCD34L ZOWIE-SCD34L Datasheet
48Kb / 2P
   SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SL42 TAYCHIPST-SL42 Datasheet
15Mb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
STR15100YD PANJIT-STR15100YD Datasheet
298Kb / 5P
   Surface Mount Low VF Schottky Barrier Rectifier
May 9,2022
STR40100LCB PANJIT-STR40100LCB Datasheet
326Kb / 5P
   Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
logo
Shenzhen Luguang Electr...
SS810T LUGUANG-SS810T Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Barrier Rectifier
Revision:20230527-P2
logo
General Semiconductor
SL42 GE-SL42 Datasheet
104Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
B120SL PACELEADER-B120SL Datasheet
254Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
MIC GROUP RECTIFIERS
SSL12 MIC-SSL12 Datasheet
95Kb / 8P
   SURFACE MOUNT Low VF SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SL12 YEASHIN-SL12 Datasheet
363Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SL12 KOOCHIN-SL12 Datasheet
220Kb / 2P
   SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com