Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1040HE Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce SS1040HE
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1040HE Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  SS1040HE Datasheet HTML 1Page - Pan Jit International Inc. SS1040HE Datasheet HTML 2Page - Pan Jit International Inc. SS1040HE Datasheet HTML 3Page - Pan Jit International Inc. SS1040HE Datasheet HTML 4Page - Pan Jit International Inc. SS1040HE Datasheet HTML 5Page - Pan Jit International Inc. SS1040HE Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
June 08,2015-REV.03
SS1040HE SERIES
1
2
Cathode
Anode
0.114(2.90)
0.106(2.70)
0.012(0.30)
0.007(0.20)
0.154(3.90)
0.137(3.50)
0.091(2.30)
0.074(1.90)
0.048(1.20)
0.031(0.80)
0.040(1.00)
0.031(0.80)
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE
40-200Volt
1 Ampere
FEATURES
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
• Electrical identical standard JEDEC.
• High conductor
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICALDATA
• Case: SOD-123HE, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Apporx. Weight: 0.0006 ounces, 0.0184 grams
• Polarity:Color band denotes cathode end
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
O
C unless otherwise noted)
NOTES:
1.Mounted on 48cm
2
FR-4 PCB board.
PA RA ME TE R
S YMB OL
S S 1040HE
S S 1060HE
S S 10150HE S S 10200HE
UNITS
Ma rk i ng C o d e
EM
EN
ERL
ES
Ma xi mum Re curre nt P e ak Re ver se Vo lta g e
V
RRM
40
60
150
200
V
Ma xi mum RMS Volta g e
V
RMS
28
42
105
140
V
Ma xi mum D C B loc ki ng Vo lta g e
V
R
40
60
150
200
V
Maxi mum A verage Forward C urrent
I
O
1A
P eak Forward S urge C urrent:8.3ms si ngle half si ne-wave
superi mposed on rated load
I
FS M
30
A
Ma xi mum Forward Vo ltage at 1A
V
F
0.55
0.7
0.85
V
Ma xi mum D C Re ve rs e C urre nt
I
R
100
μA
Typi cal Junc ti on capaci tanc e at V R=0 V, f=1MHZ
C
J
155
125
85
pF
Typi cal Thermal Re si stance, Juncti on to A mbi ent
(Note 1)
J uncti on to C a s e
(Note 1)
R
ΘJA
R
ΘJC
225
20
OC/W
Oper ati ng Juncti on Temperature and S torage Temperature Range
T
J ,TSTG
-5 5 to +1 5 0
OC


Numéro de pièce similaire - SS1040HE

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SS1040HE-AU PANJIT-SS1040HE-AU Datasheet
262Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS1040HE-AU PANJIT-SS1040HE-AU_17 Datasheet
275Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS1040HE-AU_R1_000A1 PANJIT-SS1040HE-AU_R1_000A1 Datasheet
262Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS1040HE-AU_R1_000A1 PANJIT-SS1040HE-AU_R1_000A1 Datasheet
275Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS1040HE-AU_R2_000A1 PANJIT-SS1040HE-AU_R2_000A1 Datasheet
262Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Description similaire - SS1040HE

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com