Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1030FL-AU Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce SS1030FL-AU
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1030FL-AU Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  SS1030FL-AU Datasheet HTML 1Page - Pan Jit International Inc. SS1030FL-AU Datasheet HTML 2Page - Pan Jit International Inc. SS1030FL-AU Datasheet HTML 3Page - Pan Jit International Inc. SS1030FL-AU Datasheet HTML 4Page - Pan Jit International Inc. SS1030FL-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
SS1030FL-AU~SS1040FL-AU
December 4,2013
Document Number : 111213
FEATURES
• Fast switching speed
• Surface mount package ideally suited for autonatic insertion
• Low power loss, high efficieucy
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2011/65/EU directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE
30 to 40 Volt
1 Ampere
CURRENT
MECHANICAL DATA
• Case: SOD-123FL, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Apporx. Weight: 0.0006 ounces, 0.0173 grams
• Polarity: Color band denotes cathode end
ELECTRICAL AND THERMAL CHARACTERISTICS (TA=25
o
C unless otherwise noted)
Note:1 Mounted with minmum recommended pas size, PC Board FR4.
2.T
A=25
OC unless otherwise specified.
ABSOLUTE RATINGS (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
SS1030FL-AU
SS1040FL-AU
UNITS
Marking Code
-
G3
G4
-
Reverse Voltage
V
R
30
40
V
Peak Reversr Voltage
V
RRM
30
40
V
Average Rectified Current at T
A=75
OCI
F(AV)
1A
Non-repetitive Peak Forward Surge Current at t=8.3ms
I
FSM
40
A
PARAMETER
SYMBOL
SS1030FL-AU
SS1040FL-AU
UNITS
Minimum Reverse Breakdown Voltage at I
R=500AVR
30
40
V
Maximum Forward Voltage
at I F=1A
V
F
0.55
0.55
V
Reverse Leakage Current at V
RRM
I
R
30
A
Typical Thermal Resistance, Junction to Ambient
R
JA
88
OC/W
Typical Junction Capacitance Rating at V
R=0V
C
J
60
60
pF
Operating Junction Temperature and Storage Temperature Range
T
J,TSTG
-55 to +125
OC
0.115(2.90)
0.106(2.70)
0.043(1.08)
0.038(0.98)
0.145(3.70)
0.137(3.50)
0.030(0.75)
0.017(0.45)
1
2
Cathode
Anode


Numéro de pièce similaire - SS1030FL-AU

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
SS1030FL-T1 WTE-SS1030FL-T1 Datasheet
52Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Description similaire - SS1030FL-AU

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com