Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM317LA3-0-BK-G Fiches technique(PDF) 2 Page - Cystech Electonics Corp.

No de pièce LM317LA3-0-BK-G
Description  Three Terminal Adjustable Output Positive Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM317LA3-0-BK-G Fiches technique(HTML) 2 Page - Cystech Electonics Corp.

  LM317LA3-0-BK-G Datasheet HTML 1Page - Cystech Electonics Corp. LM317LA3-0-BK-G Datasheet HTML 2Page - Cystech Electonics Corp. LM317LA3-0-BK-G Datasheet HTML 3Page - Cystech Electonics Corp. LM317LA3-0-BK-G Datasheet HTML 4Page - Cystech Electonics Corp. LM317LA3-0-BK-G Datasheet HTML 5Page - Cystech Electonics Corp. LM317LA3-0-BK-G Datasheet HTML 6Page - Cystech Electonics Corp. LM317LA3-0-BK-G Datasheet HTML 7Page - Cystech Electonics Corp. LM317LA3-0-BK-G Datasheet HTML 8Page - Cystech Electonics Corp. LM317LA3-0-BK-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C148A3
Issued Date : 2014.03.21
Revised Date :
Page No. : 2/12
LM317LA3
CYStek Product Specification
Standard Application
+
+
PL317
R1
R2
Cout
Cin
Vin
Vout
Maximum Ratings TA=25°C
Rating
Symbol
Value
Unit
Input-Output Voltage Differential
VI-VO
40
V
Power Dissipation
PD
Internally limited
W
Operating Junction Temperature Range
TJ
-40 to +125
Storage Temperature Range
Tstg
-65 to +150
Electrical Characteristics(VI-VO=5V,IO=40mA,TJ=0 to 125℃, PD≤625mW, unless otherwise
noted)
Characteristics
Symbol Conditions
Min
Typ
Max
Unit
TA=25℃,3.0V≤VI-VO≤40V
-
0.01
0.04
Line Regulation(Note 1)
Reg line
3.0V≤VI-VO≤40V
0.02
0.07
%/V
TA=25℃,10mA≤IO≤100mA
VO≤5.0V
VO≥5.0V
-
-
5.0
0.1
25
0.5
mV
%VO
Load Regulation(Note 1)
Reg load
10mA≤IO≤100mA
VO≤5.0V
VO≥5.0V
-
-
20
0.3
70
1.5
mV
%VO
Adjust Pin Current
IAdj
-
50
100
μA
Adjust Pin Current Change ΔIAdj
3V≤VI-VO≤40V,10mA≤IL≤100mA
PD≤625mW
-
0.2
5.0
μA
Reference Voltage
Vref
3V≤VI-VO≤40V,10mA≤IO≤100mA
PD≤625mW
1.2
1.25
1.3
V
Temperature Stability
Ts
0≤TJ≤125℃
-
0.7
-
%
Minimum Load Current to
maintain Regulation
ILmin
VI-VO=40V
-
3.5
10
mA
Maximum Output Current Imax
VI-VO≤15V,PD≤625mW
VI-VO≤40V,PD≤625mW, TA=25℃
100
25
200
50
-
-
mA
RMS Noise, % of VO
N
TA=25℃,10Hz≤f≤10kHz
-
0.003
-
%/VO
Ripple Rejection(Note 2)
RR
VO=10V,f=120Hz
Without CAdj
CAdj=10μF
-
66
65
80
-
-
dB
1.0μF
0.1μF
Cin is required if regulator is located an appreciate
distance from power supply filter.
**
Cout is not needed for stability, however, it does
improve transient response.
Vout=1.25(1+R2/R1)+IAdjR2
Since
IAdj is controlled to less than 100 μA, the
error associated with this term is negligible in
most applications.
IAdj
LM317L


Numéro de pièce similaire - LM317LA3-0-BK-G

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM317L NSC-LM317L Datasheet
442Kb / 17P
   3-Terminal Adjustable Regulator
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L Datasheet
184Kb / 12P
   LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
logo
STMicroelectronics
LM317L STMICROELECTRONICS-LM317L Datasheet
290Kb / 18P
   Low current 1.2 to 37V adjustable voltage regulator
LM317L STMICROELECTRONICS-LM317L Datasheet
130Kb / 8P
   LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
More results

Description similaire - LM317LA3-0-BK-G

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Eorex Corporation
EP1017 EOREX-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL317F3 CYSTEKEC-PL317F3 Datasheet
191Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
IK Semicon Co., Ltd
IL317 IKSEMICON-IL317 Datasheet
299Kb / 5P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317E3 CYSTEKEC-LM317E3 Datasheet
218Kb / 10P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Eorex Corporation
EP1017 EOREX-EP1017_15 Datasheet
382Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com