Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB2335-G Fiches technique(PDF) 2 Page - AUK corp

No de pièce SB2335-G
Description  High Brightness Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

SB2335-G Fiches technique(HTML) 2 Page - AUK corp

  SB2335-G Datasheet HTML 1Page - AUK corp SB2335-G Datasheet HTML 2Page - AUK corp SB2335-G Datasheet HTML 3Page - AUK corp SB2335-G Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KLB-3004-000
2
SB2335-G
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Power Dissipation
PD
80
mW
Forward Current
IF
20
mA
*1Peak Forward Current
IFP
50
mA
Reverse Voltage
VR
4
V
Operating Temperature
Topr
-40∼100
Storage Temperature
Tstg
-40∼110
*2Soldering Temperature
Tsol
240℃ for 5 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Recommended soldering condition ⇒ Attached
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min
Typ Max
Unit
Forward Voltage
VF
IF= 20mA
2.6
3.3
4.2
V
*3Luminous Intensity
IV
IF= 20mA
68
80
155
mcd
Peak Wavelength
λP
IF= 20mA
-
468
-
nm
Spectrum Bandwidth
Δ λ
IF= 20mA
-
20
-
nm
Reverse Current
IR
VR=4V
-
-
10
µA
*4Half angle
θ1/2
IF= 20mA
-
±55
-
deg
*3. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
*4. Luminous intensity maximum tolerance for each grade classification limits ±18%
*4. Luminous Intensity classification
KL
68~100
100~155


Numéro de pièce similaire - SB2335-G

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
SB2332-H AUK-SB2332-H Datasheet
226Kb / 4P
   High Brightness Chip LED Lamp
SB2336E-G AUK-SB2336E-G Datasheet
230Kb / 5P
   High Brightness Chip LED
logo
KODENSHI_AUK CORP.
SB2336E-G KODENSHI-SB2336E-G Datasheet
209Kb / 5P
   SMD LED
More results

Description similaire - SB2335-G

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
SY2332 AUK-SY2332 Datasheet
216Kb / 4P
   High Brightness Chip LED Lamp
SR1316-V AUK-SR1316-V Datasheet
293Kb / 4P
   High Brightness Chip LED Lamp
SR1316-H AUK-SR1316-H Datasheet
294Kb / 4P
   High Brightness Chip LED Lamp
SB2332-H AUK-SB2332-H Datasheet
226Kb / 4P
   High Brightness Chip LED Lamp
SR2332-U AUK-SR2332-U Datasheet
224Kb / 4P
   High Brightness Chip LED Lamp
SA2332 AUK-SA2332 Datasheet
224Kb / 4P
   High Brightness Chip LED Lamp
SR2332-H AUK-SR2332-H Datasheet
224Kb / 4P
   High Brightness Chip LED Lamp
SY3418-E AUK-SY3418-E Datasheet
151Kb / 4P
   High Brightness LED Lamp
logo
LUXPIA
LBH3030 LUXPIA-LBH3030 Datasheet
103Kb / 6P
   High Brightness LED Lamp
LWH3000 LUXPIA-LWH3000 Datasheet
228Kb / 7P
   High Brightness LED Lamp
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com