Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMSF10N03ZR2 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MMSF10N03ZR2
Description  Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF10N03ZR2 Fiches technique(HTML) 2 Page - ON Semiconductor

  MMSF10N03ZR2 Datasheet HTML 1Page - ON Semiconductor MMSF10N03ZR2 Datasheet HTML 2Page - ON Semiconductor MMSF10N03ZR2 Datasheet HTML 3Page - ON Semiconductor MMSF10N03ZR2 Datasheet HTML 4Page - ON Semiconductor MMSF10N03ZR2 Datasheet HTML 5Page - ON Semiconductor MMSF10N03ZR2 Datasheet HTML 6Page - ON Semiconductor MMSF10N03ZR2 Datasheet HTML 7Page - ON Semiconductor MMSF10N03ZR2 Datasheet HTML 8Page - ON Semiconductor MMSF10N03ZR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MMSF10N03Z
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Max
Unit
Drain−to−Source Voltage
VDSS
30
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
30
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 20
Vdc
Drain Current − Continuous @ TA = 25°C (Note 1)
Drain Current − Continuous @ TA = 70°C (Note 1)
Drain Current − Pulsed Drain Current (Note 3)
ID
ID
IDM
10
7.7
50
Adc
Total Power Dissipation @ TA = 25°C (Note 1)
Linear Derating Factor @ TA = 25°C (Note 1)
PD
2.5
20
Watts
mW/°C
Total Power Dissipation @ TA = 25°C (Note 2)
Linear Derating Factor @ TA = 25°C (Note 2)
PD
1.6
12
Watts
mW/°C
Operating and Storage Temperature Range
TJ, Tstg
− 55 to
150
°C
Single Pulse Drain−to−Source Avalanche Energy − Starting TJ = 25°C
(VDD = 30 Vdc, VGS = 10 Vdc, IL = 10 Apk, L = 20 mH, RG = 25 W)
EAS
1000
mJ
THERMAL RESISTANCE
Parameter
Symbol
Typ
Max
Unit
Junction−to−Ambient (Note 1)
Junction−to−Ambient (Note 2)
RqJA
50
80
°C/W
1. When mounted on 1″ square FR4 or G−10 board (VGS = 10 V, @ 10 seconds).
2. When mounted on minimum recommended FR4 or G−10 board (VGS = 10 V, @ Steady State).
3. Repetitive rating; pulse width limited by maximum junction temperature.


Numéro de pièce similaire - MMSF10N03ZR2

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
More results

Description similaire - MMSF10N03ZR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com