Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMSF10N02ZR2 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MMSF10N02ZR2
Description  Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF10N02ZR2 Fiches technique(HTML) 3 Page - ON Semiconductor

  MMSF10N02ZR2 Datasheet HTML 1Page - ON Semiconductor MMSF10N02ZR2 Datasheet HTML 2Page - ON Semiconductor MMSF10N02ZR2 Datasheet HTML 3Page - ON Semiconductor MMSF10N02ZR2 Datasheet HTML 4Page - ON Semiconductor MMSF10N02ZR2 Datasheet HTML 5Page - ON Semiconductor MMSF10N02ZR2 Datasheet HTML 6Page - ON Semiconductor MMSF10N02ZR2 Datasheet HTML 7Page - ON Semiconductor MMSF10N02ZR2 Datasheet HTML 8Page - ON Semiconductor MMSF10N02ZR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMSF10N02Z
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
0
0
0.4
1.6
2
0
2
6
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0.02
0.025
0
Figure 3. On−Resistance versus
Gate−to−Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
1
100
Figure 5. On−Resistance Variation
with Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
VDS ≥ 10 V
TJ = −55°C
25
°C
100
°C
0.015
8
4
0.005
TJ = 25°C
4
8
10
2
1
1.5
2
2.5
0.01
13
5
9
11
10
0
5
10
15
17.5
20
2.5
0
0.01
0.02
6
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
7
4.5 V
VGS = 2.7 V
TJ = 25°C
TJ, JUNCTION TEMPERATURE (°C)
−50
0
50
100
150
0
0.4
0.8
1.2
1.6
VGS =4.5 V
ID = 5 A
125
75
25
−25
VGS = 0 V
TJ = 125°C
100
°C
1.2
10
1.8 V
1.5 V
1.6 V
ID = 10 A
TJ = 25°C
1.7 V
0.5
0
2
0.005
0.015
0.025
1000
0.8
0.2
1.4
1.8
1
0.6
12
14
16
18
20
1.9 V
4.5 V
VGS = 12V
TJ = 25°C
12
14
0.03
3
456
7
8
9
10
11
12
0.03
13
15
0.2
0.6
1
1.4
10000
0.1
0.01
25
°C
12.5
7.5
2.7 V


Numéro de pièce similaire - MMSF10N02ZR2

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MMSF10N02Z MOTOROLA-MMSF10N02Z Datasheet
184Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 20 VOLTS
More results

Description similaire - MMSF10N02ZR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com