Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM6611CAH Fiches technique(PDF) 2 Page - Nippon Precision Circuits Inc

No de pièce SM6611CAH
Description  Miniature High-Precision Temperature Switch IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6611CAH Fiches technique(HTML) 2 Page - Nippon Precision Circuits Inc

  SM6611CAH Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6611CAH Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6611CAH Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6611CAH Datasheet HTML 4Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SM6611 series
NIPPON PRECISION CIRCUITS—2
BLOCK DIAGRAM
PIN DESCRIPTION
Output inverting
temperature detect
Output
buffer
OUT
VDD
Comparator
Reference
temperature sensor
VSS
TEST1
Hysteresis control
TEST2
TEST3
Number
Name
I/O
Description
1
VDD
Supply voltage
2T1–
Test pin 1. This pin is used for test purposes by NPC. It has a built-in pull-up resistor. Leave
open for normal operation.
3
OUT
O
Output.
SM6611
×AH: Open-drain output. A pull-up resistor of 100kΩ should be connected to this
pin. Goes LOW when the switch preset temperature is exceeded.
SM6611
×BH: CMOS output. Goes LOW to HIGH when the switch preset temperature is
exceeded.
4
T3
Test pin 3. This pin is used for test purposes by NPC. Connect to VSS for normal operation.
5
VSS
Ground
6
T2
Test pin 3. This pin is used for test purposes by NPC. Connect to VSS for normal operation.


Numéro de pièce similaire - SM6611CAH

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
SM6610AD NPC-SM6610AD Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610AH NPC-SM6610AH Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
SM6610BD NPC-SM6610BD Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
More results

Description similaire - SM6611CAH

FabricantNo de pièceFiches techniqueDescription
logo
Zentrum Mikroelektronik...
TSIC ZMD-TSIC Datasheet
261Kb / 2P
   High Precision Temperature Sensor IC
logo
Honeywell Solid State E...
914CE1-3 HONEYWELL-914CE1-3 Datasheet
42Kb / 1P
   MINIATURE PRECISION LINIT SWITCH
logo
E+E Elektronik Ges.m.b....
EE08 EPLUSE-EE08 Datasheet
1Mb / 8P
   High-Precision Miniature Humidity and Temperature Probe
10-2023
logo
Seiko Instruments Inc
S-5844A50DB-M5T1U3 SII-S-5844A50DB-M5T1U3 Datasheet
1Mb / 28P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5841 SII-S-5841 Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
S-5841A55D-M5T1X SII-S-5841A55D-M5T1X Datasheet
1Mb / 26P
   TEMPERATURE SWITCH IC
S-5843AC0DC-M5T1Y SII-S-5843AC0DC-M5T1Y Datasheet
1Mb / 21P
   TEMPERATURE SWITCH IC
logo
Allegro MicroSystems
APS11200 ALLEGRO-APS11200 Datasheet
1Mb / 14P
   High-Temperature Precision Hall-Effect Switch
logo
Seiko Instruments Inc
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com