Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMSF4N01HD Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MMSF4N01HD
Description  N?묬hannel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF4N01HD Fiches technique(HTML) 5 Page - ON Semiconductor

  MMSF4N01HD Datasheet HTML 1Page - ON Semiconductor MMSF4N01HD Datasheet HTML 2Page - ON Semiconductor MMSF4N01HD Datasheet HTML 3Page - ON Semiconductor MMSF4N01HD Datasheet HTML 4Page - ON Semiconductor MMSF4N01HD Datasheet HTML 5Page - ON Semiconductor MMSF4N01HD Datasheet HTML 6Page - ON Semiconductor MMSF4N01HD Datasheet HTML 7Page - ON Semiconductor MMSF4N01HD Datasheet HTML 8Page - ON Semiconductor MMSF4N01HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MMSF4N01HD
http://onsemi.com
5
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
RG, GATE RESISTANCE (OHMS)
0.1
10
100
100
10
1
VDD = 6 V
ID = 4 A
VGS = 4.5 V
TJ = 25°C
tr
tf
td(off)
td(on)
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
10
8
6
4
2
0
0
4
2
0
QT, TOTAL CHARGE (nC)
5
3
1
2
468
10
ID = 4 A
TJ = 25°C
VDS
VGS
Q2
Q3
Q1
1
QT
DRAIN−TO−SOURCE DIODE CHARACTERISTICS
The switching characteristics of a MOSFET body diode
are very important in systems using it as a freewheeling or
commutating diode. Of particular interest are the reverse
recovery characteristics which play a major role in
determining switching losses, radiated noise, EMI and RFI.
System switching losses are largely due to the nature of
the body diode itself. The body diode is a minority carrier
device, therefore it has a finite reverse recovery time, trr, due
to the storage of minority carrier charge, QRR, as shown in
the typical reverse recovery wave form of Figure 14. It is this
stored charge that, when cleared from the diode, passes
through a potential and defines an energy loss. Obviously,
repeatedly forcing the diode through reverse recovery
further increases switching losses. Therefore, one would
like a diode with short trr and low QRR specifications to
minimize these losses.
The abruptness of diode reverse recovery effects the
amount of radiated noise, voltage spikes, and current
ringing. The mechanisms at work are finite irremovable
circuit parasitic inductances and capacitances acted upon by
high di/dts. The diode’s negative di/dt during ta is directly
controlled by the device clearing the stored charge.
However, the positive di/dt during tb is an uncontrollable
diode characteristic and is usually the culprit that induces
current ringing. Therefore, when comparing diodes, the
ratio of tb/ta serves as a good indicator of recovery
abruptness and thus gives a comparative estimate of
probable noise generated. A ratio of 1 is considered ideal and
values less than 0.5 are considered snappy.
Compared to ON Semiconductor standard cell density
low voltage MOSFETs, high cell density MOSFET diodes
are faster (shorter trr), have less stored charge and a softer
reverse recovery characteristic. The softness advantage of
the high cell density diode means they can be forced through
reverse recovery at a higher di/dt than a standard cell
MOSFET diode without increasing the current ringing or the
noise generated. In addition, power dissipation incurred
from switching the diode will be less due to the shorter
recovery time and lower switching losses.
0.3
0.4
0.5
0.6
0.7
0
1
2
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 10. Diode Forward Voltage versus Current
0.8
0.9
3
4
VGS = 0 V
TJ = 25°C
1


Numéro de pièce similaire - MMSF4N01HD

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MMSF4N01HD MOTOROLA-MMSF4N01HD Datasheet
285Kb / 10P
   TMOS MOSFET 5.8 AMPERES 20 VOLTS
More results

Description similaire - MMSF4N01HD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
   N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
   N?묬hannel Power MOSFET
logo
ON Semiconductor
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com