Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMSF3P03HDR2 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MMSF3P03HDR2
Description  P?묬hannel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF3P03HDR2 Fiches technique(HTML) 1 Page - ON Semiconductor

  MMSF3P03HDR2 Datasheet HTML 1Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 2Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 3Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 4Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 5Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 6Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 7Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 8Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Publication Order Number:
MMSF3P03HD/D
© Semiconductor Components Industries, LLC, 2000
September, 2004 − Rev. XXX
1
MMSF3P03HD
Preferred Device
Power MOSFET
3 Amps, 30 Volts
P−Channel SO−8
These miniature surface mount MOSFETs feature ultra low RDS(on)
and true logic level performance. They are capable of withstanding
high energy in the avalanche and commutation modes and the
drain−to−source diode has a very low reverse recovery time.
MiniMOS
t devices are designed for use in low voltage, high speed
switching applications where power efficiency is important. Typical
applications are dc−dc converters, and power management in portable
and battery powered products such as computers, printers, cellular and
cordless phones. They can also be used for low voltage motor controls
in mass storage products such as disk drives and tape drives. The
avalanche energy is specified to eliminate the guesswork in designs
where inductive loads are switched and offer additional safety margin
against unexpected voltage transients.
Ultra Low R
DS(on) Provides Higher Efficiency and Extends Battery
Life
Logic Level Gate Drive − Can Be Driven by Logic ICs
Miniature SO−8 Surface Mount Package − Saves Board Space
Diode Is Characterized for Use In Bridge Circuits
Diode Exhibits High Speed, With Soft Recovery
I
DSS Specified at Elevated Temperature
Avalanche Energy Specified
Mounting Information for SO−8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted) (Note 1.)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
30
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 20
Vdc
Drain Current − Continuous @ TA = 25°C
Drain Current − Continuous @ TA = 100°C
Drain Current − Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
4.6
3.0
50
Adc
Apk
Total Power Dissipation @ TA = 25°C
(Note 2.)
PD
2.5
Watts
Operating and Storage Temperature Range
− 55 to 150
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 20 Vdc, VGS = 5.0 Vdc,
IL = 9.0 Apk, L = 14 mH, RG = 25 Ω)
EAS
567
mJ
Thermal Resistance − Junction to Ambient
(Note 2.)
RθJA
50
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
1. Negative sign for P−Channel device omitted for clarity.
2. Mounted on 2
″ square FR4 board (1″ sq. 2 oz. Cu 0.06″ thick single sided),
10 sec. max.
N−C
1
2
3
4
8
7
6
5
Top View
Source
Source
Gate
Drain
Drain
Drain
Drain
D
S
G
1
8
3 AMPERES
30 VOLTS
RDS(on) = 100 mW
Device
Package
Shipping
ORDERING INFORMATION
MMSF3P03HDR2
SO−8
2500 Tape & Reel
SO−8
CASE 751
STYLE 13
http://onsemi.com
P−Channel
LYWW
MARKING
DIAGRAM
S3P03
L
= Location Code
Y
= Year
WW
= Work Week
PIN ASSIGNMENT
Preferred devices are recommended choices for future use
and best overall value.


Numéro de pièce similaire - MMSF3P03HDR2

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MMSF3P03HD MOTOROLA-MMSF3P03HD Datasheet
316Kb / 10P
   SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
More results

Description similaire - MMSF3P03HDR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MTB23P06V ONSEMI-MTB23P06V Datasheet
263Kb / 10P
   P?묬hannel Power MOSFET
August, 2006 ??Rev. 3
MTP6P20E ONSEMI-MTP6P20E Datasheet
208Kb / 7P
   P?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTSF2P02HD ONSEMI-MTSF2P02HD Datasheet
284Kb / 12P
   P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTP30P06V ONSEMI-MTP30P06V Datasheet
210Kb / 7P
   P?묬hannel Power MOSFET
August, 2006 ??Rev. 6
MTSF1P02HD ONSEMI-MTSF1P02HD Datasheet
287Kb / 12P
   P?묬hannel Power MOSFET
February, 2005 ??Rev. XXX
MTP5P06V ONSEMI-MTP5P06V Datasheet
207Kb / 7P
   P?묬hannel Power MOSFET
August, 2006 ??Rev. 3
MTSF2P03HD ONSEMI-MTSF2P03HD Datasheet
288Kb / 12P
   P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTD20P03HDL ONSEMI-MTD20P03HDL Datasheet
94Kb / 9P
   P?묬hannel DPAK Power MOSFET
July, 2006 ??Rev. 7
NTLJS3A18PZ ONSEMI-NTLJS3A18PZ Datasheet
134Kb / 6P
   Single P?묬hannel Power MOSFET
November, 2012 ??Rev. 0
MTD20P06HDL ONSEMI-MTD20P06HDL Datasheet
91Kb / 8P
   P?묬hannel DPAK Power MOSFET
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com